Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 57Page - STMicroelectronics STPMIC1 Datasheet HTML 58Page - STMicroelectronics STPMIC1 Datasheet HTML 59Page - STMicroelectronics STPMIC1 Datasheet HTML 60Page - STMicroelectronics STPMIC1 Datasheet HTML 61Page - STMicroelectronics STPMIC1 Datasheet HTML 62Page - STMicroelectronics STPMIC1 Datasheet HTML 63Page - STMicroelectronics STPMIC1 Datasheet HTML 64Page - STMicroelectronics STPMIC1 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 140 page
background image
NVM read operation
NVM read operation is fully managed by the STPMIC1.
For each read operation, the STPMIC1 automatically loads the 64-bit NVM content into NVM shadow registers
(see Table 64. NVM shadow register map ). It means that shadow register content is a copy of NVM content.
When the STPMIC1 power supply is connected (VIN > VPOR_VIN_Rise), the STPMIC1 state machine goes to
PRELOAD_NVM state (see Section 5.2 Functional state machine). In this state, a NVM read operation is
performed to check if the STPMIC1 should start up automatically depending on AUTO_TURN_ON NVM bit value.
If AUTO_TURN_ON bit is not set, the STPMIC1 goes to OFF-state; else the STPMIC1 continues automatically by
power-up procedure.
Before each POWER_UP procedure, NVM read operation is performed in CHECK&LOAD state. NVM content is
loaded into shadow registers. Additionally, the STPMIC1 initializes BUCK and LDO control registers with values
pre-defined in NVM (see Table 64. NVM shadow register map ) and configure POWER_UP and POWER_DOWN
sequence of regulators.
NVM write operation (STPMIC1 customization)
NVM write operation can be performed multiple times (see NVMEND) by I2C interface.
NVM write operation generic sequence:
1.
Apply VIN to the application: STPMIC1 goes to POWER_ON state(1)
2.
Write NVM shadow registers with expected customization values
3.
Initiate a “NVM program operation” command - write NVM_CMD[1:0] = ‘01’ in Section 6.6.2 NVM control
register (NVM_CR)
4.
Wait for NVM write operation to be completed: wait for NVM_BUSY becomes 0 in Table 62. NVM_SR
5.
(Optional): check new NVM content by initiating a NVM read operation: write NVM_CMD[1:0] = ‘10’ and wait
for NVM_BUSY becomes 0
1. The STPMIC1 has AUTO_TURN_ON bit set by default to power up automatically. This is to allow NVM write operation
without generating turn-ON conditions.
The following conditions should be fulfilled to allow NVM write operation:
•
VIN must be minimum 3.8 V
•
The STPMIC1 must be in POWER_ON state (NVM write operation is ignored in OFF-state)
Writing into NVM shadow registers does not affect NVM content until NVM write operation is executed.
WARNING: If VIN goes below 3.8 V during write operation, NVM content integrity may be corrupted and the
STPMIC1 may not start up anymore.
Change of I2C address
Special attention must be given when new I2C address needs to be programmed.
When different I2C address is written in Section 6.7.8 NVM device address shadow register (I2C_ADDR_SHR),
this new address becomes effective immediately and next I2C transaction must already use this new device
address.
If a “NVM write operation” is not performed following I2C address change in shadow register, previously
programmed I2C address is loaded from NVM during next POWER_UP sequence.
STPMIC1
Programming
DS12792 - Rev 7
page 61/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com