Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 32Page - STMicroelectronics STPMIC1 Datasheet HTML 33Page - STMicroelectronics STPMIC1 Datasheet HTML 34Page - STMicroelectronics STPMIC1 Datasheet HTML 35Page - STMicroelectronics STPMIC1 Datasheet HTML 36Page - STMicroelectronics STPMIC1 Datasheet HTML 37Page - STMicroelectronics STPMIC1 Datasheet HTML 38Page - STMicroelectronics STPMIC1 Datasheet HTML 39Page - STMicroelectronics STPMIC1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 140 page
background image
Refer to Section 4.2.3 LDO output voltage settings.
Dynamic voltage scaling (DVS) – When Buck voltage is changed by writing to VOUT[5:0] bits in POWER_ON
state, Buck reference is digitally stepped up/down in order to keep VOUT slew rate defined by parameter SRBK.
When a lower VOUT is requested, Buck operates in “boost reverse” mode to discharge the output capacitor with
the same slew rate SRBK, providing current back to the input supply capacitor. This improves efficiency because
energy stored in the output capacitor is not lost but “recycled” into input capacitor. For more details refer to
Figure 47. BUCKx dynamic voltage scaling (DVS) .
Bypass capability – BUCK3 and BUCK4 switch to bypass mode with 100% duty cycle when VIN voltage is below
target VOUT setting. Transition to bypass mode is fully automatic and requires no user intervention.
Overcurrent protection – When inductor current exceeds peak current limit threshold IBK1_LIM, PWM pulse is
immediately stopped, and buck starts to decrease output voltage limiting the output current. When this condition
lasts for more than tOCPDB_BUCK, BUCKx_OCP interrupt is generated.
For a detailed behavior of the device on OCP event refer to Section 5.4.7 Overcurrent protection (OCP).
VOUT Protection – BUCK4 VOUT value digital setting can be limited to 1.3 V by writing BUCK4_CLAMP bit in
Table 68. NVM_LDOS_RANK_SHR2 register.
This feature can be used to prevent destruction of low-voltage circuit connected to VOUT4, in case of erroneous/
unwanted software access to Table 38. BUCKx_MAIN_CR or Table 43. BUCKx_ALT_CR.
Start-up sequence – After the Buck is enabled, variable calibration delay is present before the output voltage
starts rising. This delay is specified as start-up delay tSU_BUCKx. For details about start-up/shutdown timings refer
to Figure 46. BUCKx start-up/shutdown timings.
Output discharge – Buck has configurable passive output discharge circuit to guarantee that shutdown time is
shorter than single ranking slot in POWER_DOWN sequence.
Discharge circuit can be configured to Slow PD (pull-down) for longer discharge time or Fast PD for faster
discharge time. Discharge duration is defined accordingly by tSD_BKx.
Slow output discharge circuit is active by default when buck is disabled.
Different behavior can be programmed in BUCKx_PD[1:0] bits of BUCKS_PD_CR register.
Figure 45. BUCKx LP to HP mode recovery time
STPMIC1
Buck converters
DS12792 - Rev 7
page 36/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com