Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 8Page - STMicroelectronics STPMIC1 Datasheet HTML 9Page - STMicroelectronics STPMIC1 Datasheet HTML 10Page - STMicroelectronics STPMIC1 Datasheet HTML 11Page - STMicroelectronics STPMIC1 Datasheet HTML 12Page - STMicroelectronics STPMIC1 Datasheet HTML 13Page - STMicroelectronics STPMIC1 Datasheet HTML 14Page - STMicroelectronics STPMIC1 Datasheet HTML 15Page - STMicroelectronics STPMIC1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VLDO3IN-BP
Input voltage
range
1.7
2
V
ILDO3OUT-BP
Continuous
output current
1.7 V<VLDO3IN<2 V no overcurrent protection in
bypass mode
50
mA
RDSONLDO3-BP
Bypass transistor
RDS(on)
ILDO3OUT=40 mA,Tj = 25 °C
0.45
0.6
Ω
tSSLDO3-BP
Soft-start duration
1.7 V < VLDO3IN < 2 V, 0 < ILDO3OUT < 1 mA
100
µs
tSDLDO3-BP
Shutdown
duration
Pull-down enabled, VLDO3OUT=1.8 V to VLDO3OUT
= 0.2 V, ILDO3OUT = no load, VIN=3.6 V, COUT=4.7
µF
3
ms
LDO4
VLDO4OUT = 3.3 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
VLDO4IN
Input voltage
range
VLDO4IN = Max.(VIN; VBUSOTG; BSTOUT)
2.8(2)
5.5
V
VLDO4OUT-ACC
Output voltage
accuracy
3.6 V<VLDO4IN<5.5 V, 1 mA<ILDO4OUT<30 mA
3.23
3.3
3.34
V
ILDO4OUT
Continuous
output current
VLDO4IN = 3.6 V to 5.5 V
50
mA
ILDO4LIM
Load current
limitation
VLDO4IN = 3.6 V to 5.5 V
50
75
200
mA
ILDO4Q
Quiescent current
ILDO4OUT = 0 mA, TJ = +105 °C
20
25
µA
VLDO4DROP
Dropout voltage
from VIN
ILDO4OUT = 30 mA
45
90
mV
VLDO4OUT-LO
Load transient
regulation VIN
ΔILDO4OUT = 1 to 30 mA, ΔVLDO4IN = 0, tR = tF ~1
µs
40
mV
VLDO4OUT-LI
Line transient
regulation VIN
ΔVLDO4IN = 600 mV, ΔILDO4OUT = 0, tR = tF ~10 μs
10
mV
PSRRLDO4
Power supply
rejection ratio
ΔVLDO4IN = 300 mVPP, f=[0.1:10] kHz
40
dB
tSSLDO4
Soft-start duration
3.5 V<VLDO4IN<5.5 V, 0<ILDO4OUT<1 mA
100
µs
tSDLDO4
Shutdown
duration
Pull-down enabled, VLDO4OUT=3.3 V to
VLDO4OUT<0.2 V, ILDO4OUT = no load, VIN=3.6 V,
COUT=4.7 µF
3
ms
LDO6
VLDO6IN =3.6 V, VLDO6OUT = 1.0 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
VIN
Main input
voltage range
VLDO6IN
2.8
5.5
V
VLDO6OUT
Output voltage
VLDO6IN >VLDO6OUT +VLDO6DROP Programmable
value. Refer to Table 9. LDO output voltage
settings
0.9 to 3.3
V
Voltage programming step
100
mV
VLDO6OUT-ACC
Output voltage
accuracy
VLDO6IN >VLDO6OUT +VLDO6DROP,
0<ILDO6OUT<150 mA
-2
2
%
ILDO6OUT
Continuous
output current
2.8 V<VLDO6IN<5.5 V
150
mA
ILDO6LIM
Load current
limitation
2.8 V<VLDO6IN<5.5 V
160
200
350
mA
ILDO6Q
Quiescent current
ILDO6OUT = 0 mA, TJ = +105 °C
4
20
µA
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 12/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com