Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 36Page - STMicroelectronics STPMIC1 Datasheet HTML 37Page - STMicroelectronics STPMIC1 Datasheet HTML 38Page - STMicroelectronics STPMIC1 Datasheet HTML 39Page - STMicroelectronics STPMIC1 Datasheet HTML 40Page - STMicroelectronics STPMIC1 Datasheet HTML 41Page - STMicroelectronics STPMIC1 Datasheet HTML 42Page - STMicroelectronics STPMIC1 Datasheet HTML 43Page - STMicroelectronics STPMIC1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
4.5
Boost converter and power switches
The STPMIC1 integrates boost converter and two power switches, primarily dedicated to supply USB sub-system:
PWR_USB_SW with 500 mA capability PWR_SW with 1 A capability.
For application examples refer to USB sub-system examples.
Figure 48. Boost and switch block diagram
4.5.1
Boost converter
Boost is a synchronous constant on-time step-up converter with fixed 5.2 V output. It is dedicated to power supply
USB sub-system (VBUS) with 1.1 A rated output current to supply up to 3 USB ports: x2 USB host port @500 mA
+ 1 USB OTG port @100 mA.
Boost requires 3 small external components only to operate (1 coil LXB, 2 capacitors CVLXBST and CBSTOUT) –
there is no external diode required. Refer to: Table 2. Passive components.
Input voltage range Converter is capable to supply 0.5 A starting from as low as 2.8 V input, and full rated
current from 3.3 V input. This allows a wide range of applications to be supported embedding USB host port like
Li-Ion/Li-Po battery powered applications or 5 V DC wall adaptor applications.
Bypass feature Boost integrates an advanced bypass circuitry that allows fast and smooth transition to be
performed from boost to bypass operation and reciprocally to keep VBUS in USB compliant tolerance [4.75 V;5.5
V]. This allows USB subsystems to be supplied with standard 5 V DC wall adaptors.
•
When the wall adaptor voltage is below ~5.2 V (due to its nominal tolerance, load regulation or voltage loss
between adaptor and device), the converter works in boost mode
•
When the wall adaptor voltage is between ~5.2 V to 5.5 V (due to its nominal tolerance or light device load),
the converter works in bypass mode
Switching frequency of converter is 2 MHz in steady-state CCM condition for VIN below ~5 V. During load
transient, switching frequency can be temporarily increased/decreased to provide accurate amount of energy
needed and minimize the voltage error. For VIN above ~5.2 V or for low load conditions, 2 MHz frequency
decreases to optimum.
Clock synchronization - The controller integrates PLL circuit, that maintains steady-state frequency in CCM
locked in phase to reference 2 MHz clock generated by the internal oscillator. Boost clock is shifted in phase
to Buck reference clocks, which minimizes the chance of multiple controllers switching at the same time, and
improving EMI performance.
STPMIC1
Boost converter and power switches
DS12792 - Rev 7
page 40/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com