Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 7Page - STMicroelectronics STPMIC1 Datasheet HTML 8Page - STMicroelectronics STPMIC1 Datasheet HTML 9Page - STMicroelectronics STPMIC1 Datasheet HTML 10Page - STMicroelectronics STPMIC1 Datasheet HTML 11Page - STMicroelectronics STPMIC1 Datasheet HTML 12Page - STMicroelectronics STPMIC1 Datasheet HTML 13Page - STMicroelectronics STPMIC1 Datasheet HTML 14Page - STMicroelectronics STPMIC1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VLDO3IN
Main input
voltage range
2.8
5.5
V
VLDO3OUT
Output voltage
VLDO3IN >VLDO3OUT+VLDO3DROP programmable
value. Refer to Table 9. LDO output voltage
settings
1.8 to 3.3
V
Voltage programming step
100
mV
VLDO3OUT-ACC
Output voltage
accuracy
VLDO3IN >VLDO3OUT+VLDO3DROP 1
mA<ILDO3OUT<50 mA
-2
2
%
ILDO3OUT
Continuous
output current
VLDO3IN = 2.8 V to 5.5 V
100
mA
ILDO3LIM
Load current
limitation
VLDO3IN = 2.8 V to 5.5 V
120
150
mA
IQLDO3
Total quiescent
current
ILDO3OUT = 0 mA, TJ = +105 °C total current from
all LDO supply pins (VIN, LDOIN, BUCK2IN)
20
µA
ILDO3IN_LKG
Input leakage
current
LDO OFF
1
3
µA
VLDO3DROP
Dropout voltage
VLDO3OUT = 2.8 V, ILDO3OUT = 100 mA
120
200
mV
VLDO3OUT-LO
Load transient
regulation
ΔILDO3OUT = 5 mA to 55 mA, ΔVLDO3IN = 0, tR = tF
~10 µs
30
mV
VLDO3OUT-LI
Line transient
regulation
VLDOIN = 3.6 V to 3.0 V, ΔILDO3OUT = 0, tR = tF
~10 µs
5
mV
PSRRLDO3
Power supply
rejection ratio
ΔVLDO3IN = 300 mVPP, f=[0.1:20] kHz
45
dB
ΔVLDO3IN = 300 mVPP, f=[20:100] kHz
40
tSSLDO3
Soft-start duration
2.8 V<VLDO3IN<5.5 V, 0<ILDO3OUT<1 mA
200
µs
tSDLDO3
Shutdown
duration (all
modes)
Pull-down enabled, VLDO3OUT=1.8 V to VLDO3OUT
= 0.2 V, ILDO3OUT = no load, VIN=3.6 V, COUT=4.7
µF
3
ms
LDO3 sink-source mode
VLDO3IN = VOUT2 = 1.35 V, VIN = 5.0 V, VBUCK2IN = 5.0 V, VLDO3OUT = VREFDDR = VOUT2/2, Tj = -40 °C to +125 °C, recommended BOM,
unless otherwise specified
VLDO3IN-SS
Input voltage
range
1.1
1.35
1.6
V
ILDO3OUT-SS
Continuous
output current
120
mARMS
ILDO3LIM-SS
Overcurrent limit
±200
mA
IQLDO3_SS
Total quiescent
current
ILDO3OUT = 0 mA, TJ = +105 °C total current from
all LDO supply pins (VIN, LDOIN, BUCK2IN)
2
20
µA
VLDO3OUT-LO-SS
Load transient
regulation
ΔILDO3OUT = +/- [0:50] mA, ΔVLDO3IN = 0, tR = tF
~250 ns
30
mV
VLDO3OUT-LI-SS
Line transient
regulation
VLDO3IN = VOUT2 = 1.35 V, ΔILDO3OUT = 0, tR = tF
~1 μs
5
mV
tSSLDO3-SS
Soft-start duration
2.8 V <VLDO3IN <5.5 V, 0< ILDO3OUT < 1 mA
21
40
µs
tSDLDO3-SS
Shutdown
duration
Pull-down enabled, VLDO3OUT= VOUT2/2 to
VLDO3OUT < 0.2 V, ILDO3OUT = no load, VIN =
VOUT2, COUT=4.7 µF
3
ms
LDO3 bypass mode
VLDO3IN = 1.8 V, VLDO3OUT = ~1.8 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 11/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com