Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 54Page - STMicroelectronics STPMIC1 Datasheet HTML 55Page - STMicroelectronics STPMIC1 Datasheet HTML 56Page - STMicroelectronics STPMIC1 Datasheet HTML 57Page - STMicroelectronics STPMIC1 Datasheet HTML 58Page - STMicroelectronics STPMIC1 Datasheet HTML 59Page - STMicroelectronics STPMIC1 Datasheet HTML 60Page - STMicroelectronics STPMIC1 Datasheet HTML 61Page - STMicroelectronics STPMIC1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 140 page
background image
Figure 61. Thermal protection thresholds
TSHDN_Rise
TWRN_Rise
THW_RI Interrupt
TWRN_Fall
TSHDN_Fall
THW_FA Interrupt
T°
5.4.7
Overcurrent protection (OCP)
The STPMIC1 implements protection against short-circuit (SC) or overcurrent (OC) on all regulators output.
The STPMIC1 supports 3 levels of protection described in Table 14. OCP levels below.
Table 14. OCP levels
Protection
level
LOCK_OCP
(NVM)
OCPOFF
[Rx] bit
STPMIC1 behavior
Level 0
0
0
This is the default mode.
When SC/OC occurs on regulator Rx :
•
For LDOs and bucks: if current rises above defined tresholds, an automatic
current limitation is activated. Refer to Section 4.2 LDO regulators and
Section 4.4.1 BUCK general description for details
•
For BOOST refer to Section 4.5.1 Boost converter
•
For switches: Refer to PWR_USB_SW and PWR_SW power switches
Note: In case of a sharp increase of the current, the boost overcurrent protection may
react earlier than switch.
•
For all: all interrupts are generated by setting corresponding [Rx]_OCP bit of
INT_PENDING_R2 or INT_PENDING_R3.
(see Section 6.5 Interrupt registers)
The STPMIC1 is in POWER_ON state.
Level 1
0
1
By setting OCPOFF[Rx] bit Section 6.3.12 Bucks OCP turn-OFF control register
(BUCKS_OCPOFF_CR) or Section 6.3.13 LDO OCP turn-OFF control register
(LDOS_OCPOFF_CR) registers, an OC on related Rx becomes a turn-OFF condition.
(see Section 5.4.3 Turn-OFF conditions and restart_request
The STPMIC1 starts a POWER_DOWN sequence.
RREQ_EN bit is ignored in case OCP turn-OFF.
The STPMIC1 is in OFF-state until a valid turn-ON condition.
Regulator that caused the OCP turn-OFF can be identified with a
corresponding bit set in overcurrent protection LDO turn-OFF status register
(Section 6.2.3 Overcurrent protection LDO turn-OFF status register
(OCP_LDOS_SR)) or Section 6.2.4 Overcurrent protection buck turn-OFF status
register (OCP_BUCKS_BSW_SR)
Level 2
1
x
NVM_LOCK_OCP (Section 6.7.1 NVM main control shadow register
(NVM_MAIN_CTRL_SHR) bit 0) is set.
This level 2 concerns all regulators. OCPOFF[Rx] bits are ignored.
If SC/OC occurs on any regulators, the STPMIC1 enters POWER_DOWN to finally
goes into LOCK_OCP state
STPMIC1
Feature description
DS12792 - Rev 7
page 58/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com