Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 25Page - STMicroelectronics STPMIC1 Datasheet HTML 26Page - STMicroelectronics STPMIC1 Datasheet HTML 27Page - STMicroelectronics STPMIC1 Datasheet HTML 28Page - STMicroelectronics STPMIC1 Datasheet HTML 29Page - STMicroelectronics STPMIC1 Datasheet HTML 30Page - STMicroelectronics STPMIC1 Datasheet HTML 31Page - STMicroelectronics STPMIC1 Datasheet HTML 32Page - STMicroelectronics STPMIC1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
LDOs contain the following functions:
1.
Soft-start circuit is implemented to limit input inrush current when LDO starts. LDO soft-start duration is
defined by tSSLDO parameter. For more details, Figure 38. LDO start-up/shutdown timings
2.
Overcurrent limit circuit - When the load on the output of the LDO exceeds overcurrent limit threshold
ILDOLIM, LDO starts decreasing the output voltage limiting the output current. When the overcurrent condition
on LDO lasts for more than tOCPDB_LDO, LDOx_OCP interrupt is generated. For a detailed behavior of the
device on OCP event refer to Section 5.4.7 Overcurrent protection (OCP)
3.
Output discharge circuit (passive), to discharge LDO output decoupling capacitor energy. In power down
sequence, it allows LDO voltage to be down before disabling next regulators in next ranking slot.
Output discharge is by default active when LDO is disabled.
Different behavior can be programmed in Table 28. LDO14_PD_CR and Table 29. LDO56_VREF_PD_CR
registers.
Note:
To ensure the LDO functionality, BUCK2IN input must be always connected to VIN power supply.
Figure 38. LDO start-up/shutdown timings
4.2.2
LDO regulators - special features
LDO3
STPMIC1
LDO regulators
DS12792 - Rev 7
page 29/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com