Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 3 Page - STMicroelectronics

  STPMIC1 Datasheet HTML 1Page - STMicroelectronics STPMIC1 Datasheet HTML 2Page - STMicroelectronics STPMIC1 Datasheet HTML 3Page - STMicroelectronics STPMIC1 Datasheet HTML 4Page - STMicroelectronics STPMIC1 Datasheet HTML 5Page - STMicroelectronics STPMIC1 Datasheet HTML 6Page - STMicroelectronics STPMIC1 Datasheet HTML 7Page - STMicroelectronics STPMIC1 Datasheet HTML 8Page - STMicroelectronics STPMIC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
2
Typical application schematic
Figure 1. Typical application schematic
christophe belet ST
LDO1
LDO2
LDO3
(normal,
bypass,
DDRVTT)
LDO4
LDO5
LDO6
INTLDO
BOOST
BYPASS
PWR_USB_SW
PWR_SW
SUPPLY
MUX
VIN
DDR_REF
(VOUT2/2)
VBUSOTG
BSTOUT
BUCK1IN
PGND1
VLX1
VOUT1
CVOUT1
LX1
CBUCK1IN
BUCK2IN
PGND2
CBUCK2IN
BUCK4IN
PGND4
CBUCK4IN
VLXBST
PGND5
CVLXBST
BSTOUT
CBSTOUT
CVBUSOTG
VBUSOTG
SWOUT
LDO3IN
VREFDDR
LDO3OUT
INTLDO
CINTLDO
CLDO4OUT
LDO4OUT
CSWOUT
CLDO3OUT
CLDO3IN
CLDO1OUT
LDO1OUT
CLDO6OUT
LDO6OUT
CVREF
CLDO2OUT
LDO2OUT
CLDO5OUT
LDO5OUT
LDO25IN
CLDO25IN
LDO16IN
CLDO16IN
SWIN
VIN
CVIN
BUCK3IN
PGND3
CBUCK3IN
I2C
VIO
SCL
SDA
INTn
PWRCTRL
RSTn
WAKEUP
PONKEYn
LOGIC
NVM
SYSTEM
CONTROL
STATE
MACHINE
POWER
SUPPLIES
CONTROL
REGISTER
VLX2
VOUT2
CVOUT2
LX2
VLX3
VOUT3
CVOUT3
LX3
VLX4
VOUT4
CVOUT4
LX4
BUCK1
(SMPS)
BUCK2
(SMPS)
BUCK3
(SMPS)
BUCK4
(SMPS)
AGND
EPGND
user push button
LXB
VDD_CORE
VDD_DDR
VDD
VDD_AUX
(DDR3, DDR3L,
lpDDR2, lpDDR3,
DDR4)
(VIO: 1V8 or 3V3)
(to system devices
or CPU voltage)
(close to USB
connector)
VBUS_OTG
VBUS_HOST
VDD_USB
(fixed 3.3V to
AP USB PHY )
VTT_DDR3
(to DDR3/3L
terminations or to
lpDDR2/3 VDD1)
VREF_DDR
VOUT_LDO1
(to system device)
VOUT_LDO6
(to system device)
VOUT_LDO2
(to Flash Memory
or system device)
VOUT_LDO5
(to SD-Card or
system device)
VDD_DDR
VDD
VIN
(VIN from 2.8V to 5.5V DC)
VIN
close to USB
connector)
BSTOUT
to / from
host AP
GNDLDO
Note: BUCK1IN and BUCK2IN must always be connected to VIN
BUCK2IN
STPMIC1
Typical application schematic
DS12792 - Rev 7
page 3/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com