Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 53Page - STMicroelectronics STPMIC1 Datasheet HTML 54Page - STMicroelectronics STPMIC1 Datasheet HTML 55Page - STMicroelectronics STPMIC1 Datasheet HTML 56Page - STMicroelectronics STPMIC1 Datasheet HTML 57Page - STMicroelectronics STPMIC1 Datasheet HTML 58Page - STMicroelectronics STPMIC1 Datasheet HTML 59Page - STMicroelectronics STPMIC1 Datasheet HTML 60Page - STMicroelectronics STPMIC1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
Table 13. MAIN/ALTERNATE switch example configuration
Regulator
MAIN setting
ALTERNATE setting
Register value
BUCKz(z=1..4)
ENA=1
VOUT=1.2 V,
PREG_MODE=HP
ENA=1
VOUT=0.9 V
PREG_MODE=LP
BUCKx_MAIN_CR=0x61
BUCKx_ALT_CR=0x33
BUCKy(y=1..4)
ENA=1
VOUT=3.3 V
PREG_MODE=HP
ENA=0,
VOUT=3.3 V
PREG_MODE=HP
BUCKy_MAIN_CR=0xD9
BUCKy_ALT_CR=0xD8(or 0x00)
LDOx(x=1,2,5,6)
ENA=1
VOUT=1.8
ENA=0
VOUT=1.8
LDOx_MAIN_CR=0x27
LDOx_ALT_CR=0x26 (or 0x00)
Figure 60. Power mode switch sequence example
MAIN MODE
PWRCTRL
VOUTz (Buck z)
ALTERNATE MODE
POWER_ON
MAIN MODE
1.2 V
0.9 V
VOUTy (Buck y)
3.3 V
0 V
VLDOxOUT (LDO x)
1.8 V
0 V
tSD (BUCK y)
tSU (BUCK y)
tSD (LDO x)
0.2 V
0.2 V
tSS = ΔVOUTy x SR(BUCK Y)
tSS = ΔVLDOxOUT x SR(LDO X)
ΔVOUTz x SR(BUCK Z)
ΔVOUTz x SR(BUCK Z)
5.4.6
Thermal protection
The STPMIC1 implements a thermal protection to prevent over heating damage.
Junction temperature is permanently monitored thanks to an embed cell.
Protection consists of 2 thresholds :
•
Thermal shutdown threshold (TSHDN), which turns off the STPMIC1
•
Thermal warning threshold (TWRN), which generates an interrupt to be handled by the application processor
Figure 61. Thermal protection thresholds represents the distribution of those thresholds along the temperature
curve.
When the temperature rises above TSHDN_Rise, the STPMIC1 starts a rank down and goes to CHECK&LOAD
state.
If temperature decreases and comes back lower than TSHDN_Fall, the STPMIC1 restarts automatically with
POWER_UP sequence.
In order to allow the application processor to anticipate TSHDN_Rise shutdown and take relevant actions, interrupts
THW_RI and THW_FA are generated when the temperature rises above TWRN_Rise and falls down TWRN_Fall.
Refer to Section 6.5 Interrupt registers about the interruption management.
STPMIC1
Feature description
DS12792 - Rev 7
page 57/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com