Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 35Page - STMicroelectronics STPMIC1 Datasheet HTML 36Page - STMicroelectronics STPMIC1 Datasheet HTML 37Page - STMicroelectronics STPMIC1 Datasheet HTML 38Page - STMicroelectronics STPMIC1 Datasheet HTML 39Page - STMicroelectronics STPMIC1 Datasheet HTML 40Page - STMicroelectronics STPMIC1 Datasheet HTML 41Page - STMicroelectronics STPMIC1 Datasheet HTML 42Page - STMicroelectronics STPMIC1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
VOUT[5:0]
BUCKx_MAIN/ALT_CR[7:2]
VOUT[V]
BUCK1
VOUT[V]
BUCK2
VOUT[V]
BUCK3
VOUT[V]
BUCK4
35
1.475(1)
1.45(2)
1.4(3)
1.45(2)
36
1.5(1)
1.5(2)
1.5(3)
1.5(2)
37
1.5
1.5
1.6(3)
1.6(3)
38
1.5
1.5
1.7(3)
1.7(3)
39
1.5
1.5
1.8(3)
1.8(3)
40
1.5
1.5
1.9(3)
1.9(3)
41
1.5
1.5
2(3)
2(3)
42
1.5
1.5
2.1(3)
2.1(3)
43
1.5
1.5
2.2(3)
2.2(3)
44
1.5
1.5
2.3(3)
2.3(3)
45
1.5
1.5
2.4(3)
2.4(3)
46
1.5
1.5
2.5(3)
2.5(3)
47
1.5
1.5
2.6(3)
2.6(3)
48
1.5
1.5
2.7(3)
2.7(3)
49
1.5
1.5
2.8(3)
2.8(3)
50
1.5
1.5
2.9(3)
2.9(3)
51
1.5
1.5
3(3)
3(3)
52
1.5
1.5
3.1(3)
3.1(3)
53
1.5
1.5
3.2(3)
3.2(3)
54
1.5
1.5
3.3(3)
3.3(3)
55
1.5
1.5
3.4(3)
3.4(3)
56
1.5
1.5
3.4
3.5(3)
57
1.5
1.5
3.4
3.6(3)
58
1.5
1.5
3.4
3.7(3)
59
1.5
1.5
3.4
3.8(3)
60
1.5
1.5
3.4
3.9(3)
61
1.5
1.5
3.4
3.9
62
1.5
1.5
3.4
3.9
63
1.5
1.5
3.4
3.9
1. Step 25 mV
2. Step 50 mV
3. Step 100 mV
STPMIC1
Buck converters
DS12792 - Rev 7
page 39/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com