Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 106Page - STMicroelectronics STPMIC1 Datasheet HTML 107Page - STMicroelectronics STPMIC1 Datasheet HTML 108Page - STMicroelectronics STPMIC1 Datasheet HTML 109Page - STMicroelectronics STPMIC1 Datasheet HTML 110Page - STMicroelectronics STPMIC1 Datasheet HTML 111Page - STMicroelectronics STPMIC1 Datasheet HTML 112Page - STMicroelectronics STPMIC1 Datasheet HTML 113Page - STMicroelectronics STPMIC1 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
6.5.12
Interrupt source register 2 (INT_SRC_R2)
Table 59. INT_SRC_R2
7
6
5
4
3
2
1
0
BST_OVP BST_OCP
SWOUT_OCP
VBUSOTG_OCP
BUCK4_OCP
BUCK3_OCP
BUCK2_OCP
BUCK1_OCP
R
R
R
R
R
R
R
R
Address: 0xB1
Type: read register
Default: 0x00
Description: interrupt source register 2. Register is set to default on RSTn assertion. State bit is 1 as long as
event source is active.
[7]
BST_OVP: overvoltage detection on Boost output
0: inactive
1: active
[6]
BST_OCP: Current limitation detection on Boost output
0: inactive
1: active
[5]
SWOUT_OCP: Current limitation detection on SWOUT
0: inactive
1: active
[4]
VBUSOTG_OCP: Current limitation detection on VBUSOTG
0: inactive
1: active
[3]
BUCK4_OCP: Current limitation detection on Buck4
0: inactive
1: active
[2]
BUCK3_OCP: Current limitation detection on Buck3
0: inactive
1: active
[1]
BUCK2_OCP: Current limitation detection on Buck2
0: inactive
1: active
[0]
BUCK1_OCP: Current limitation detection on Buck1
0: inactive
1: active
STPMIC1
Interrupt registers
DS12792 - Rev 7
page 110/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com