Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 41Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 42Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 43Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 44Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 45Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 46Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 47Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 48Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 145 page
background image
DS13105 Rev 8
45/145
STM32WLE5/E4xx
Functional overview
48
3.25.6
SysTick timer
This timer is dedicated to real-time operating systems, but can also be used as a standard
down counter.
SysTick timer main features:
•
24-bit down counter
•
autoreload capability
•
maskable system interrupt generation when the counter reaches 0
•
programmable clock source
3.26
Real-time clock (RTC), tamper and backup registers
The RTC is an independent BCD timer/counter. The RTC provides a time-of-day
clock/calendar with programmable alarm interrupts.
As long as the supply voltage remains in the operating range, the RTC never stops,
regardless of the device status (Run mode, low-power mode or under reset).
The RTC provides an automatic wakeup to manage all low-power modes.
The RTC is functional in VBAT mode.
Twenty 32-bit backup registers are retained in all low-power modes and also in VBAT mode.
These registers can be used to store sensitive data as their content is protected by a tamper
detection circuit.
Three tamper pins and four internal tampers are available for anti-tamper detection. The
external tamper pins can be configured for edge or level detection with or without filtering.
3.27
Inter-integrated circuit interface (I2C)
The device embeds three I2Cs, with features implementation listed in the he table below.
The I2C bus interface handles communications between the microcontroller and the serial
I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
•
I2C bus specification and user manual rev. 5 compatibility:
–
slave and master modes, multimaster capability
–
Standard-mode (Sm), with a bitrate up to 100 Kbit/s
–
Fast-mode (Fm), with a bitrate up to 400 Kbit/s
–
Fast-mode plus (Fm+), with a bitrate up to 1 Mbit/s and 20 mA output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
programmable setup and hold times
–
clock stretching (optional)
•
SMBus (system management bus) specification rev 2.0 compatibility:
–
hardware PEC (packet error checking) generation and verification with ACK
control
–
address resolution protocol (ARP) support
–
SMBus alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com