Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 84Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 85Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 86Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 87Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 88Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 89Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 90Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 91Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 145 page
background image
Table 48. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
VDD
(V)
0 °C
25 °C
55 °C
85 °C
105 °C
0 °C
25 °C
85 °C
105 °C
IDD
(Standby)
Supply current in
Standby mode
RTC disabled
Backup registers
retained
No retention
1.8
0.009
0.027
0.245
1.00
2.40
-
-
-
-
µA
2.4
0.022
0.051
0.340
1.35
2.85
-
-
-
-
3.0
0.046
0.071
0.470
1.75
3.40
-
-
-
-
3.6
0.075
0.125
0.650
2.30
4.05
-
-
-
-
SRAM2 retained
1.8
0.130
0.205
0.820
2.90
5.55
0.200
0.550
8.20
24.0
2.4
0.140
0.225
0.915
3.25
6.05
-
-
-
-
3.0
0.165
0.255
1.05
3.70
6.60
0.280
0.710
9.40
27.0
3.6
0.190
0.300
1.20
4.25
7.25
0.330
0.770
10.0
28.0
IDD
(Standby
with RTC)
Supply current in
Standby mode
(backup registers
and SRAM2
retained)
RTC enabled
RTC clocked by LSI
(PREDIV = 1)
1.8
0.215
0.295
0.895
3.10
5.30
-
-
-
-
2.4
0.230
0.325
0.990
3.45
5.95
-
-
-
-
3.0
0.260
0.360
1.15
3.95
6.85
-
-
-
-
3.6
0.305
0.425
1.30
4.55
7.85
-
-
-
-
RTC clocked by LSE
quartz(2) in low drive
mode
1.8
0.270
0.350
0.975
3.15
5.80
-
-
-
-
2.4
0.295
0.390
1.10
3.50
6.25
-
-
-
-
3.0
0.345
0.445
1.25
4.00
6.85
-
-
-
-
3.6
0.415
0.535
1.45
4.60
7.55
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
Table 49. Current consumption during wakeup from Standby mode
Symbol
Conditions
Typ at 25 °C
Unit
VDD = 1.8 V
VDD = 2.4 V
VDD = 3.0 V
VDD = 3.6 V
IDD (wakeup from Standby)
Wakeup clock: MSI 4 MHz
23.5
81.3
111
114
nAs
Wakeup clock: MSI 8 MHz
15.2
15.7
17.3
19.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com