Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 61Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 62Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 63Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 64Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 65Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 66Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 67Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 145 page
background image
DS13105 Rev 8
65/145
STM32WLE5/E4xx
Electrical characteristics
133
5.3
Operating conditions
5.3.1
Main performances
5.3.2
General operating conditions
Table 24. Main performances at VDD = 3 V
Parameter
Test conditions
Typ
Unit
ICORE Core current consumption
VBAT (VBAT = 3V, VDD = 0 V)
0.005
µA
Shutdown
0.031
Standby (32-Kbyte RAM retention)
0.360
Stop 2, RTC enabled
1
Sleep (16 MHz)
770
LPRun (2 MHz)
220
Run, SMPS ON (48 MHz)
3450
Rx boosted
LoRa 125 kHz, SMPS ON
4.82
mA
Tx low power
434 to 490 MHz, 14 dBm, 3.3 V
21
868 to 915 MHz, 14 dBm, 3.3 V
26
Tx high power
434 to 490 MHz, 22 dBm, 3.3 V
120
868 to 915 MHz, 22 dBm, 3.3 V
107
Table 25. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
48
MHz
fPCLK1 Internal APB1 clock frequency
-
fPCLK2
Internal APB2 clock frequency
-
VDD
Standard operating voltage
-
1.8(1)
3.6
V
VDDA
Analog supply voltage
ADC or COMP used
1.62
3.6
DAC used
1.71
VREFBUF used
2.4
ADC, DAC, COMP and
VREFBUF not used
0
VBAT
Backup operating voltage
-
1.55
3.6
VFBSMPS SMPS feedback voltage
-
1.4
3.6
V
VDDRF Minimum RF voltage
-
1.8
3.6
VIN
I/O input voltage
TT I/O
–0.3
VDD + 0.3
All I/O except TT
–0.3
min between
min (VDD, VDDA) + 3.6 V
and 5.5 V(2)(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com