Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 70Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 71Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 72Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 73Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 74Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 75Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 76Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 77Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
74/145
DS13105 Rev 8
5.3.4
Operating conditions at power-up/power-down
Parameters given in the table below are derived from tests performed under the ambient
temperature condition summarized in Table 25: General operating conditions.
IDDLDO
LDO quiescent current
VDD = 3.3 V,
ILOAD = 0 to 100 mA,
current limiter off
-95-
µA
VDD = 3.3 V, ILOAD = 100 mA,
current limiter on
-380
-
VDD = 3.3 V, ILOAD = 50 mA,
current limiter on
-280
-
ILDO
LDO load current
-
-
100
-
mA
LDTRLDO
Load transient for ILDO 100 µA to
100 mA in 10 µs
--
25
-
mV
TSLDO
Sleep and Sleep, LDO startup time
For ILIM = 50 mA
-
60
-
µs
VDIG
Digital regulator target voltage
-
1.14
1.2
1.26
V
ILM(1)
Current limiter max value
-
25
50
200
mA
1. The default current limiter value is set to 50 mA.
Table 32. Sub-GHz radio power management specifications (continued)
Symbol
Description
Conditions
Frequency
(MHz)
Unit
470
490
868
Table 33. Operating conditions at power-up/power-down
Symbol
Parameter
Min
Max
Unit
tVDD
VDD rise time rate
-
∞
µs/V
VDD fall time rate
10
∞
tVDDA
VDDA rise time rate
0
∞
VDDA fall time rate
10
∞
tVDDRF
VDDRF rise time rate
-
∞
VDDRF fall time rate
-
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com