Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 10Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 11Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 12Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 13Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 14Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 15Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 16Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 17Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 145 page
background image
Description
STM32WLE5/E4xx
14/145
DS13105 Rev 8
Figure 1. STM32WLE5/E4xx block diagram
MSv64324V1
DMA1 (7 channels)
NVIC
TIM17
EXTI
TIM16
GPIO ports A,B,C,H
PWR
SRAM1
RTC
TAMP
IWDG
LSE
32 kHz
HSE32
32 MHz
MSI 5 %
0.1-48MHz
HSI 1 %
16 MHz
PLL
Power supply
POR/PDR/BOR/PVD/PVM
ADC (12 bits ULP,
2 Msps, 12 channels)
Temperature sensor
APB1 and APB 2
Backup
domain
Sub-GHz
radio
RNG
LSI
32 kHz
LPTIM2
LPTIM1
CRC
RCC
SYSCFG/
COMP/VREF
HSEM
WWDG
SPI2S2
I2C3
LPUART1
SPI1
USART1
TIM2
MPU
SRAM2
backup memory
Cortex-M4
(DSP)
≤ 48 MHz
DMAMUX
DMA2 (7 channels)
LDO/SMPS
LPTIM3
TIM1
I2C1
I2C2
USART2
DAC (12 bits)
AES
PKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com