Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 36Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 37Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 38Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 39Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 40Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 41Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 42Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 43Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 145 page
background image
Functional overview
STM32WLE5/E4xx
40/145
DS13105 Rev 8
The ADC frequency is independent from the CPU frequency, allowing maximum sampling
rate of ~2 Msps even with a low CPU speed. An auto-shutdown function guarantees that the
ADC is powered off except during the active conversion phase.
The ADC can be served by the DMA controller. It can operate in the whole VDD supply
range.
The ADC features a hardware oversampler up to 256 samples, improving the resolution to
16 bits. Refer to the application note Improving STM32F1 Series, STM32F3 Series and
STM32Lx Series ADC resolution by oversampling (AN2668).
An analog watchdog feature allows very precise monitoring of the converted voltage of one,
some or all scanned channels. An interrupt is generated when the converted voltage is
outside the programmed thresholds.
The events generated by the general-purpose timers (TIMx) can be internally connected to
the ADC start triggers, to allow the application to synchronize A/D conversions with timers.
3.18.1
Temperature sensor
The temperature sensor (TS) generates a VTS voltage that varies linearly with temperature.
The temperature sensor is internally connected to the ADC VIN[12] input channel, to
convert the sensor output voltage into a digital value.
The sensor provides good linearity but it has to be calibrated to obtain good overall
accuracy of the temperature measurement. As the offset of the temperature sensor may
vary from part to part due to process variation, the uncalibrated internal temperature sensor
is suitable only for relative temperature measurements.
To improve the accuracy of the temperature sensor, each part is individually factory-
calibrated by ST. The resulting calibration data is stored in the device engineering bytes,
accessible in read-only mode.
3.18.2
Internal voltage reference (VREFINT)
VREFINT provides a stable (bandgap) voltage output for the ADC and comparators. VREFINT
is internally connected to the ADC VIN[13] input channel.
VREFINT is individually and precisely measured, for each part, by ST, during production test
and stored in the device engineering bytes. It is accessible in read-only mode.
Table 12. Temperature sensor calibration values
Calibration value
name
Description
Memory address
TS_CAL1
TS ADC raw data acquired at 30 °C (± 5 °C),
VDDA = VREF+ = 3.3 V (± 10 mV)
0x1FFF 75A8 - 0x1FFF 75A9
TS_CAL2
TS ADC raw data acquired at 130 °C (± 5 °C),
VDDA = VREF+ = 3.3 V (± 10 mV)
0x1FFF 75C8 - 0x1FFF 75C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com