Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 67Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 69Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 70Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 71Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 72Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 73Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 74Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 145 page
background image
DS13105 Rev 8
71/145
STM32WLE5/E4xx
Electrical characteristics
133
Table 30. Sub-GHz radio receive mode specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
RXS_2FB
Sensitivity 2-FSK,
RX boosted gain,
split RF paths for RX and Tx,
RF switch insertion loss excluded
BR = 0.6 Kbit/s, FDA = 0.8 kHz,
BW = 4 kHz
-
–125
-
dBm
BR = 1.2 Kbit/s, FDA = 5 kHz,
BW = 20 kHz
-
–123
-
BR = 4.8 Kbit/s, FDA = 5 kHz,
BW = 20 kHz
-–117
-
BR = 38.4 Kbit/s, FDA = 40 kHz,
BW = 160 kHz
-
–108
-
BR = 250 Kbit/s, FDA = 125 kHz,
BW = 500 kHz
-
–103
-
RXS_LB
Sensitivity LoRa,
RX boosted gain,
split RF paths for RX and Tx,
RF switch insertion loss excluded
BW = 10.4 kHz, SF = 7
-
–135
-
BW = 10.4 kHz, SF = 12
-
–148
-
BW = 125 kHz, SF = 7
-
–125
-
BW = 125 kHz, SF = 12
-
–138
-
BW = 250 kHz, SF = 7
-
–122
-
BW = 250 kHz, SF = 12
-
–135
-
BW = 500 kHz, SF = 7
-
–118
-
BW = 500 kHz, SF = 12
-
–130
-
RSX_2F
Sensitivity 2-FSK, RX power
saving gain with direct tie
connection between RX and Tx
BR = 4.8 Kbit/s, FDA = 5 kHz,
BW = 20 kHz
-–115
-
RXS_L
Sensitivity LoRa, RX power
saving gain with direct tie
connection between RX and Tx
BW = 125 kHz, SF = 12
-
–135
-
CCR_F
Co-channel rejection, FSK
-
-
–9
-
dB
CCR_L
Co-channel rejection, LoRa
SF = 7
-
7
-
SF = 12
-
19
-
ACR_F
Adjacent channel rejection, FSK
Offset = ±50 kHz
-
44
-
ACR_L
Adjacent channel rejection, LoRa
Offset = ±1.5 x BW_L,
BW = 125 kHz, SF = 7
-60
-
Offset = ±1.5 x BW_L,
BW = 125 kHz, SF = 12
-71
-
BI_F
Blocking immunity, FSK
Offset = ±1 MHz, BR = 4.8 Kbit/s,
FDA = 5 kHz, BW = 20 kHz
-67
-
Offset = ±2 MHz, BR = 4.8 Kbit/s,
FDA = 5 kHz, BW = 20 kHz
-70
-
Offset = ±10 MHz, BR = 4.8 Kbit/s,
FDA = 5 kHz, BW = 20 kHz
-76
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com