Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 82Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 83Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 84Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 85Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 86Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 87Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 88Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 89Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 145 page
background image
Table 44. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
0 °C
25 °C
55 °C
85 °C
105 °C
0 °C
25 °C
85 °C
105 °C
IDD
(Stop 1)
Supply current in Stop 1 mode
RTC disabled
1.8
2.05
4.00
14.0
47.0
74.5
6.10
20.0
200
480
µA
2.4
2.15
3.95
14.0
47.0
75.0
-
-
-
-
3.0
2.15
4.15
14.0
47.5
75.5
5.90
20.0
200
490
3.6
2.25
4.20
14.0
48.0
76.5
6.20
20.0
200
490
IDD
(Stop 1with
RTC)
Supply current in Stop 1 mode
RTC enabled, clocked by LSI(2)
1.8
2.15
4.10
14.0
47.0
75.0
6.30
20.0
200
480
2.4
2.15
4.10
14.0
47.5
75.5
-
-
-
-
3.0
2.25
4.20
14.0
47.5
76.0
6.40
21.0
200
490
3.6
2.30
4.15
14.5
48.5
77.0
6.70
21.0
200
490
1. Guaranteed based on test during characterization, unless otherwise specified.
2. LSI using LSIPRE = 1 configuration.
Table 45. Current consumption during wakeup from Stop 1 mode
Conditions
Typ at 25 °C
Unit
VDD = 1.8 V
VDD = 2.4 V
VDD = 3.0 V
VDD = 3.6 V
Wakeup clock: MSI 4 MHz, voltage range 2
1.05
1.15
1.09
1.18
nAs
Wakeup clock: MSI 2 MHz, voltage range 2
1.81
1.81
2.12
2.40
Wakeup clock: MSI 4 MHz, voltage range 1
0.766
1.23
1.34
1.49
Wakeup clock: MSI 16 MHz, voltage range 1
0.310
0.169
0.935
0.836
Wakeup clock: MSI 48 MHz, voltage range 1
0.0707
0.461
0.533
0.565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com