Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 8Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 9Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 10Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 11Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 12Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 13Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 14Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 15Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 145 page
background image
Description
STM32WLE5/E4xx
12/145
DS13105 Rev 8
The devices also feature the standard and advanced communication interfaces listed below:
•
two USART (supporting LIN, smartcard, IrDA, modem control and ISO7816)
•
one low-power UART (LPUART)
•
three I2C (SMBus/PMBus)
•
two SPIs (up to 16 MHz, one supporting I2S)
•
semaphores for processor firmware process synchronization
The operating temperature/voltage ranges are –40 °C to +105 °C (+85 °C with radio)(a) from
a 1.8 V to 3.6 V power supply. A comprehensive set of power-saving modes allows the
design of low-power applications.
The devices integrate a high-efficiency SMPS step-down converter and independent power
supplies for ADC, DAC and comparator analog inputs.
A VBAT dedicated supply allows the LSE 32.768 kHz oscillator, the RTC and the backup
registers to be backed up. The devices can maintain these functions even if the main VDD is
not present, through a CR2032-like battery, a supercap or a small rechargeable battery.
a. Devices with suffix 6 operate up to 85 °C. Devices with suffix 7 can operate up to 105 °C except radio.
Table 2. Main features and peripheral counts
Feature
STM32WLE5Cx
STM32WLE4Cx
STM32WLE5Jx
STM32WLE4Jx
STM32WLE5Ux
STM32WLE4Ux
CPU
Arm Cortex-M4
Maximum CPU frequency (MHz)
48
Flash memory density (Kbytes)
256/128/64
SRAM density (Kbytes)
SRAM1
32/16/0
SRAM2
32/32/20
Radio
LoRa
Available on STM32WLE5xx devices.
Not available on STM32WLE4xx devices
(G)FSK
Yes
(G)MSK
BPSK
Radio power amplifier
Low output power (up to
15 dBm)
Yes
High output power (up to
22 dBm)
Timer
General purpose
4
Low-power
3
SysTick
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com