Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 62Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 63Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 64Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 65Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 66Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 67Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 69Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
66/145
DS13105 Rev 8
PD
Power dissipation at
TA = 85 °C for suffix 6 version
or TA = 105 °C for suffix 7(4)
UFBGA73
-
392.0
mW
TA
Ambient temperature for
suffix 6 version
Maximum power
dissipation
–40
85
°C
Low-power dissipation(5)
105
Ambient temperature for the
suffix 7 version
Maximum power
dissipation
–40
105
Low-power dissipation(5)
125
TJ
Junction temperature range
Suffix 6 version
–40
105
°C
Suffix 7 version
125
1. When the reset is released, the functionality is guaranteed down to VBOR0 min.
2. This formula has to be applied only on the power supplies related to the I/O structure described in Table 19:
STM32WLE5/E4xx pin definition. Maximum I/O input voltage is the smallest value between min (VDD, VDDA) + 3.6 V and
5.5 V.
3. For operation with voltage higher than min (VDD, VDDA) + 0.3 V, the internal pull-up and pull-down resistors must be
disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 98: Package thermal
characteristics).
5. In low-power dissipation state, TA can be extended to this range, as long as TJ does not exceed TJ max (see Table 98:
Package thermal characteristics).
Table 25. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com