Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 89Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 90Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 91Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 92Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 93Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 94Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 95Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 96Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 145 page
background image
DS13105 Rev 8
93/145
STM32WLE5/E4xx
Electrical characteristics
133
5.3.8
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in the table below, are the latency between the event and the
execution of the first user instruction.
The device goes in low-power mode after the WFE (wait for event) instruction.
APB1
I2C3 independent clock domain
2.29
1.87
1.30
µA/MHz
LPTIM1
1.67
1.44
1.50
LPTIM1 independent clock domain
2.50
2.19
1.45
LPTIM2
1.67
1.37
0.90
LPTIM2 independent clock domain
2.50
2.12
1.55
LPTIM3
0.83
0.69
0.65
LPTIM3 independent clock domain
2.29
1.94
0.65
LPUART1
2.08
1.81
3.55
LPUART1 independent clock
domain
2.50
2.06
1.35
RTCAPB
2.08
1.81
1.50
SPI2
1.46
1.19
0.90
TIM2
4.58
3.81
2.95
USART2
1.88
1.56
1.35
USART2 independent clock domain
4.58
3.75
3.05
WWDG1
0.42
0.31
0.05
All APB1 peripherals(1)
19.6
16.1
20.2
APB2
ADC
1.25
1.00
0.70
µA/MHz
ADC independent clock domain
0.21
0.13
0.30
SPI1
1.25
1.06
0.90
TIM1
6.25
5.19
8.30
TIM16
2.29
1.94
1.35
TIM17
2.29
1.87
1.25
USART1
1.67
1.38
1.00
USART1 independent clock domain
4.17
3.38
2.90
All APB2 peripherals(1)
15.8
13.0
15.8
APB3
SUBGHZSPI
1.46
1.25
1.10
µA/MHz
All APB3 peripherals
1.46
1.25
1.10
All peripherals(1)
62.9
52.3
59.7
1. Without independent clocks.
Table 53. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
LPRun and LPSleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com