Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 91Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 92Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 93Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 94Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 95Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 96Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 97Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 98Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 145 page
background image
DS13105 Rev 8
95/145
STM32WLE5/E4xx
Electrical characteristics
133
5.3.9
External clock source characteristics
High-speed external user clock generated from an external source
The high-speed external (HSE32) clock can be supplied with a 32 MHz crystal oscillator or
by a TCXO (temperature controlled crystal oscillator).
Crystal oscillator
The devices include internal programmable capacitances that can be used to tune the
crystal frequency in order to compensate the PCB parasitic one.
Characteristics in the tables below, are measured over recommended operating conditions,
unless otherwise specified. Typical values are referred to TA = 25 °C and VDD = 3 V.
Table 55. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Transition time from LPRun to Run
mode(2)
Code run with MSI = 2 MHz
19.6
-
µs
tVOST
Regulator transition time from Range 2 to
Range 1(3)
Code run with HSI16
21.9
32.2
Regulator transition time from Range 1 to
Range 2(3)
23.1
33.9
1. Guaranteed by characterization results (VDD = 3 V, T = 25 °C).
2. Time until REGLPF flag is cleared in PWR_SR2.
3. Time until VOSF flag is cleared in PWR_SR2.
Table 56. HSE32 crystal requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fnom
Oscillator frequency
-
-
32
-
MHz
fTOL
Frequency accuracy
Initial
-
-
±10
ppm
Over temperature (-20 to 70 °C)
-
-
±10
Aging over 10 years
-
-
±10
CLoad
Load capacitance(2)
-9.5
10
10.5
pF
CShunt Crystal shunt capacitance
-
0.3
0.6
2
Cmotion Crystal motional capacitance
-
1.3
1.89
2.5
fF
ESR
Crystal equivalent series
resistance
-
-
30
60
Ω
PD
Drive level
-
-
-
100
µW
1. 32 MHz XTAL is specified for two specific references: NX2016SA and NX1612SA.
2.
Load capacitance can be managed by internal programmable capacitances at calibration phase. No need to add external
foot capacitances. The values indicated take into account the combination of the two foot capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com