Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCY7TR Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32WLE4JCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 110Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 111Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 112Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 113Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 114Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 115Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 116Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 117Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
114/145
DS13105 Rev 8
5.3.19
Analog-to-digital converter characteristics
Unless otherwise specified, the parameters given in the table below are preliminary values
derived from tests performed under ambient temperature, fPCLK frequency and VDDA supply
voltage conditions summarized in Table 25: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 77. ADC characteristics(1)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VREF+
Positive reference
voltage
VDDA ≥ 2 V
2
-
VDDA
VDDA < 2 V
VDDA
fADC
ADC clock frequency
Range 1
0.14
-
35
MHz
Range 2
0.14
-
16
fs
Sampling rate
12 bits, VDDA > 2 V
-
-
2.50
Msps
10 bits, VDDA > 2 V
-
-
2.92
8 bits, VDDA > 2 V
-
-
3.50
6 bits, VDDA > 2 V
-
-
4.38
12 bits, VDDA ≤ 2 V
-
-
2.18
10 bits, VDDA ≤ 2 V
-
-
2.50
8 bits, VDDA ≤ 2 V
-
-
2.92
6 bits, VDDA ≤ 2 V
-
-
3.50
fTRIG
External trigger
frequency
fADC = 35 MHz,
12 bits, VDDA > 2 V
-
-
2.35
MHz
fADC = 35 MHz,
12 bits, VDDA ≤ 2 V
-
-
2.18
12 bits, VDDA > 2 V
-
-
fADC/15
12 bits, VDDA ≤ 2 V
-
-
fADC/17
VAIN
Conversion voltage
range
-VSS
-VREF+
V
RAIN
External input
impedance
--
-
50
kΩ
CADC
Internal sample and
hold capacitor
--
5
-
pF
tSTAB
ADC power-up time
-
2
Conversion
cycle
tCAL
Calibration time
fADC = 35 MHz
2.35
µs
-82
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com