Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 25 of 26
Component
Function Description/Comments
Default Value
VNEG, C5, C15, R3, R8, C10
Negative supply. The main signal path from RFIN and RFOUT
can be dc-coupled by connecting a −2.5 V supply to the VNEG
test loop and replacing ac coupling capacitors, C2 and C19,
with 0 Ω resistors. R3 and R8 must be removed and replaced
with 100 pF capacitors pins. Connect the DECL pin to ground
by removing C10 and replacing it with a 0 Ω resistor. In this
mode, the voltage on VPOS must remain at 5 V.
VNEG = 0 V,
R3 = R8 = 0 Ω (0603),
C15 = C5 = 0.1 µF (0402),
C10 = 4.7 µF (0402)
R6, R7
VTGT interface. R7 and R6 are driven from VREF (2.5 V) and
provide 1 V to VTGT. If R6 and R7 are removed, an external
voltage can be applied on the VTGT test point.
R7 = 2.43 kΩ, R6 = 3.6 kΩ,
VTGT = 1 V
C7, C13
RMS detector offset compensation loop. The capacitances on
these pins set the corner frequency of internal offset
compensation loops of the two rms detectors. These loops
limit the minimum input frequency that can be sensed by the
ADL5920. The default values for these capacitors set minimum
input frequencies that are well below the frequency corner set
by the ac-coupling capacitors in the main signal path. These
capacitors are deliberately located as close as possible to Pin 3
and Pin 4 and Pin 21 and Pin 22. To achieve the specified
directivity when operating above 2 GHz, remove these
capacitors (see Figure 5).
C7, C13 = 0.1 µF (0201)
S1, R1, R2, PWDN/TADJS
Device enable and slope temperature compensation. S1 is
used to disable the ADL5920 by connecting the PWDN/TADJS
pin to VPOS. In its other position, S1 is open and the voltage
on PWDN/TADJS is set by VREF (2.5 V) and the R1, R2 resistor
divider. This voltage is used to fine tune the temperature
stability of the slope of the rms detectors.
S1 = open position,
R1 = 0 Ω DNI,
R2 = 100 Ω,
PWDN/TADJS = 0 V
VTEMP
Temperature sensor output. This yellow test loop is connected
directly to Pin 6 of the ADL5920 (VTEMP).
Not applicable
VRMSF, RMSR, VRMS_F, RMS_R
Reverse and forward rms voltage measurement. The voltages
on these connectors are proportional to the dB power of the
forward and reverse signals in the bridge circuit.
VRMSF, VRMSR = SMA
end launch connector,
VRMS_F, VRMS_R =
yellow test loops
C8, C12
RMS averaging capacitors. The value of the rms averaging
capacitor must be set based on the peak to average ratio of
the input signal and based on the desired output response
time and residual output noise on the rms detector outputs.
C8 = C12 = 0.1 µF (0402)
VOCM, R4, R5
Common-mode voltage for VDIFF+ and VDIFF−. The voltage
on VOCM pin (Pin 10) sets the common-mode level for the
VDIFF+ and VDIFF− differential pair. The nominal voltage on
this pin must be 2.5 V. This input requires a bias current of
±1 mA and must be driven from a low impedance source. The
nominal biasing method for VOCM is to connect it to VREF and
connecting a 1 kΩ resistor from VOCM to ground. An external
voltage can be applied VOCM through Pin 8 of the P1 connector.
R4 = 0 Ω (0402),
R5 = 1 kΩ (0402),
VOCM = 2.5 V
VDIFF+, VDIFF−, VDIFFN, VDIFFP
Return loss measurement. The output voltage from this
differential pair is proportion to the ratio of the forward and
reverse power in the bridge circuit. The common-mode level is
set by the voltage on VOCM.
VDIFF+, VDIFF− = SMA
end launch connector,
VDIFFN, VDIFFP = yellow
test loops
R9, R10, TADJI
TADJI interface. R9 and R10 set the voltage on the TADJI pin
that is derived from VREF. This voltage is used to fine tune the
temperature stability of the Intercept of the rms detectors.
R9 = 0 Ω DNI,
R10 = 100 Ω (0402),
TADJI = 0 V
P1
P1 header. The P1 header can access all of the dc levels on the
evaluation board.
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com