Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 15 of 26
0
2
4
6
8
10
12
14
16
18
20
–31
–30
–29
–28
–27
–26
–25
–26
INTERCEPT (dBm)
Figure 27. Distribution of Intercept at 1 GHz
6.0
5.5
5.0
0
1.5
0.5
2.0
1.0
2.5
3.0
3.5
4.0
4.5
0
0.4
1.6
2.8
0.8
2.0
3.2
1.2
2.4
3.6
4.0
TIME (ms)
+15dBm
+10dBm
0dBm
–10dBm
RF ENABLE PULSE
Figure 28. VRMSF Response to Various RF Input Burst Levels, Carrier
Frequency = 1 GHz, CRMSF = 0.1 µF
6.0
5.5
5.0
0
1.5
0.5
2.0
1.0
2.5
3.0
3.5
4.0
4.5
0
0.4
1.6
2.8
0.8
2.0
3.2
1.2
2.4
3.6
4.0
TIME (ms)
+20dBm
+10dBm
0dBm
–10dBm
PWDN/TADJS
Figure 29. VRMSF Response to PWDN/TADJS for Various RF Input Levels,
Carrier Frequency = 1 GHz, CRMSF = 0.1 µF
0
2
4
6
8
10
12
14
16
18
–25
–24
–23
–22
–21
–20
–19
–18
–17
–16
INTERCEPT (dBm)
Figure 30. Distribution of Intercept at 6 GHz
6.0
5.5
5.0
0
1.5
0.5
2.0
1.0
2.5
3.0
3.5
4.0
4.5
0
40
160
280
80
200
320
120
240
360
400
TIME (µs)
+15dBm
+10dBm
0dBm
–10dBm
RF ENABLE PULSE
Figure 31. VRMSF Response to Various RF Input Burst Levels, Carrier
Frequency = 1 GHz, CRMSF = 0.01 µF
6.0
5.5
5.0
0
1.5
0.5
2.0
1.0
2.5
3.0
3.5
4.0
4.5
0
0.04
0.16
0.28
0.08
0.20
0.32
0.12
0.24
0.36
0.40
TIME (ms)
+20dBm
+10dBm
0dBm
–10dBm
PWDN/TADJS
Figure 32. VRMSF Response to PWDN/TADJS for Various RF Input Levels,
Carrier Frequency = 1 GHz, CRMSF = 0.01 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com