Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 17 of 26
THEORY OF OPERATION
The ADL5920 contains a symmetric and bidirectional resistive
bridge plus two identical rms detectors that provide both
forward and reverse power indications at the VRMSF and
VRMSR pins, respectively. A detailed description of the theory
of operation can be found in the Analog Dialogue article, An
Integrated Bidirectional Bridge with Dual RMS Detectors for
RF Power and Return Loss Measurement.
The device provides return loss and VSWR indication at the
VDIFF+ and VDIFF− outputs, where
VDIFF = (VDIFF+) – (VDIFF−) = VRMSF − VRMSR
(1)
The bridge has an insertion loss (IL) of 0.9 dB below about 1 GHz
when the source and load impedances are 50 Ω (the ADL5920
is only intended to be used in 50 Ω systems). The insertion loss
increases with increasing frequency to 1.9 dB at 6 GHz. Note
that insertion loss in dB is
IL = −20log10|S21| = −20log10|VRFOUT/VRFIN|
(2)
where:
VRFOUT is the RFOUT voltage.
VRFIN is the RFIN voltage.
As the source or load impedance deviates from 50 Ω, the
VRMSF and VRMSR outputs indicate this deviation via a
reduction in the separation of these two voltages. For example,
with a fixed signal level applied to the RFIN port, as the load
resistance on the RFOUT port varies from a short-circuit
condition to an open circuit condition, only the VRMSR signal
changes. The VRMSF output stays constant. The voltage
difference indicates the return loss and reflection coefficient of
the load and indicates the directivity of the structure when
RLOAD = RSOURCE = 50 Ω.
The two rms detectors are architecturally similar to the ADL5906
but are internally dc-coupled to operate down to dc. The detectors
provide linear in dB outputs and thereby give a direct indication in
dBm of the applied forward and reverse signals. Due to their
linear in dB response, the output voltages represent the coupled
and isolated port voltages in dB and thereby their difference
directly indicates directivity or return loss, which is an
advantage over simple diode detectors that produce a linear in
volt output. The detector slope of each detector output voltage
vs. PIN is approximately 60 mV/dB. Because both detectors are
identical, the difference in output voltage with a perfectly
matched source and load (50 Ω RSOURCE and RLOAD) is the
directivity of the bidirectional bridge and is calculated as
follows:
Directivity = ((VRMSF − VRMSR)/Slope) (dB)
(3)
Directivity is defined as follows:
Directivity (dB) = Coupling (dB) − Isolation (dB)
= 20log10(C/I)
(4)
Where the isolation (I) and coupling (C) factors are positive
numbers, and isolation is a smaller value than C.
In the default, single-supply and ac-coupled connection (see
Figure 38), the ADL5920 device directivity is greater than 30 dB
for frequencies below 400 MHz, as shown in Figure 5, which
shows as a constant difference voltage for the largest input
powers. When the signal is applied to the RFIN port (by definition
in the forward direction), the resulting VDIFF, VRMSF – VRMSR,
is approximately constant at frequencies less than 100 MHz.
However, as the input signal level reduces, eventually, the
rejected side limits at the noise and offset floor, and the VRMSR
output stays constant while the VRMSF output keeps decreasing
until this output also reaches the noise and offset floor. To
determine the inherent directivity of the ADL5920 measurement
system, apply a large enough input signal level to reliably
determine the isolated port voltage, which is best achieved
through a PIN sweep of around 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com