Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5920ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
9 kHz to 7 GHz, Bidirectional
RMS and VSWR Detector
Data Sheet
ADL5920
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband matched 9 kHz to 7 GHz operation
Forward and reverse power and return loss measurement
49 dB ±1.0 dB input range with −19 dBm minimum input level,
±1.0 dB at 1 GHz
Linear in dB rms (crest factor insensitive) outputs
Insertion loss: 1.1 dB at 1 GHz and 1.9 dB at 6 GHz
Input and output return loss and VSWR
1 GHz: 22 dB/1.16:1
3 GHz: 14 dB/1.5:1
6 GHz: 12 dB/1.7:1
Output IP3: 70.5 dBm at 1 GHz
Directivity
20 dB at 1 GHz
13 dB at 3 GHz
5 dB at 6 GHz
Maximum input power
30 dBm for open or shorted termination
33 dBm for matched termination
APPLICATIONS
Industrial metering
Broadband inline power and return loss measurement
Transmit power control and automatic level control in
wireless transmitters, signal generators, network
analyzers, and wireless communications testers
Condition based monitoring of system modules, cables, and
connectors
FUNCTIONAL BLOCK DIAGRAM
REVERSE
PATH
RMS
DETECTOR
TEMPERATURE
SENSOR
FORWARD
PATH
RMS
DETECTOR
BIDIRECTIONAL BRIDGE
VTEMP
VRMSR
CRMSR
CHPR–
CHPR+
VNEG1
RFIN
PWDN/
TADJS
TADJI
VTGT
VREF
VOCM
DECL
VRMSF
CRMSF
CHPF–
CHPF+
VNEG2
RFOUT
25
28
1
24
27
29
30
21
23
22
16
12
19
15
20
5
10
18
32
3
2
26
31
4
9
6
7
ADL5920
11
17
813
14
VREF
2.5V
Figure 1.
GENERAL DESCRIPTION
The ADL5920 is an ultrawideband, bidirectional detector that
simultaneously measures forward and reverse rms power levels
in a signal path, along with the return loss.
The forward and reverse power traveling through the
integrated bidirectional bridge is measured using two 50 dB
linear in dB rms detectors. The detector output voltages,
available at the VRMSF and VRMSR pins, are proportional to
the forward and reflected power in dBm. A third, differential,
output produces a voltage proportional to the return loss
(reflection coefficient) in dB, closely related to the voltage
standing wave ratio (VSWR). The common-mode level of this
output is externally adjustable through the VOCM pin.
The primary transmission line of the bidirectional bridge, from
RFIN to RFOUT (or vice versa) is dc-coupled and allows small
amounts of dc bias current through the bridge. When dc-coupled
to source and load, the positive and negative supply pins of the
ADL5920 must be connected to +5 V and −2.5 V, respectively
(relative to the dc voltage at RFIN and RFOUT). The internal
detector circuitry is also dc-coupled to the bidirectional bridge
to support measurements down to 9 kHz.
The maximum input signal on each of the RF ports (RFIN and
RFOOUT) is 30 dBm for open and shorted terminations and
33 dBm for a matched termination.
The ADL5920 draws 160 mA from a 5 V supply and has a low
power, power-down mode controlled through the
PWDN/TADJS pin.
The device is supplied in a 32-lead, 5 mm × 5 mm LFCSP and is
specified for ambient operating temperatures in the −40°C to
+85°C range.
Multifunction pin names may be referenced by their relevant
function only.


Similar Part No. - ADL5920ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
ADL5902 AD-ADL5902 Datasheet
1,012Kb / 33P
50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
Rev. F
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5920ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
2395A AEROFLEX-2395A Datasheet
357Kb / 8P
9 kHz to 26.5 GHz Spectrum Analyzer
logo
Hittite Microwave Corpo...
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
HMC-C054 HITTITE-HMC-C054 Datasheet
904Kb / 6P
RMS POWER DETECTOR 70 dB, 0.01 - 2 GHz
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
Envelope and TruPwr RMS Detector
REV. A
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com