Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 22 of 26
DC-COUPLED OPERATION
The ADL5920 RFIN and RFOUT pins can be dc-coupled as
shown in Figure 43. However, to drive the inputs with signals
that are biased at 0 V, apply a negative supply of −2.5 V to the
two VNEG pins as shown in Figure 43. If dc-coupled operation
is required for the sake of applying low input frequencies,
connect capacitors to the CHPF and CHPR pins to reduce the
corner frequency of the offset compensation loops as previously
detailed. In addition, connect the DECL pin (Pin 12) to ground
to ensure that the specified directivity is achieved at low
frequencies.
REVERSE
PATH
RMS
DETECTOR
TEMPERATURE
SENSOR
1.4V
VREF
2.5V
FORWARD
PATH
RMS
DETECTOR
BIDIRECTIONAL BRIDGE
VTEMP
VRMSR
VREV
CRMSR
CHPR–
CHPR+
VNEG1
RFIN
TADJI
C13
1µF
C7
1µF
1kΩ
VTGT
VTGT
VREF
VOCM
VOCM
DECL
VRMSF
VFWD
EPAD
GND1
GND2
GND3
GND4
GND5
GND6
VPOS1
VPOS2
VPOS3
VDIFF+
C11
100pF
C9
0.1µF
C18
0.1µF
VDIFF
OUTPUT
C1
0.1µF
+5V
–2.5V
C6
100pF
C14
100pF
VDIFF–
CRMSF
CHPF–
CHPF+
VNEG2
RFOUT
5
ADL5920
C16
100pF
C5
0.1µF
PWDN/TADJS
3.6kΩ
R1
RFOP
0.1µF
C12
0.1µF
C8
RFIP
–2.5V
C17
100pF
C15
0.1µF
×1
25
28
1
24
27
29
30
21
23
22
16
12
19
15
20
5
10
18
32
3
2
26
31
4
9
6
7
11
17
8
13
14
Figure 43. Basic Connections for DC-Coupled Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com