Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 9 of 26
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 GND2
23 VNEG2
22 CHPF–
21 CHPF+
20 TADJI
19 VREF
18 VRMSF
17 VPOS3
1
2
3
4
5
6
7
8
GND1
VNEG1
CHPR+
CHPR–
PWDN/TADJS
VTEMP
VRMSR
VPOS1
ADL5920
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. CONNECT THE EXPOSED PAD TO A GROUND PLANE
WITH LOW THERMAL AND ELECTRICAL IMPEDANCE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 24, 27 to 30
GND1, GND2, GND3,
GND4, GND5, GND6
RF Ground. Connect all ground pins to a low impedance ground plane.
2, 23
VNEG1, VNEG2
Negative Supply Pins. For normal single-supply operation, connect these pins to ground.
In applications where the RF input and output are dc-coupled, apply a −2.5 V supply
voltage to these pins along with a +5 V power supply on VPOS1, VPOS2, and VPOS3.
In this dc-coupled operating mode, Pin 12 (DECL) must be connected to ground.
8, 13, 17
VPOS1, VPOS2, VPOS3
Power Supply. Separately decouple each power supply pin using 100 pF and 0.1 µF
capacitors. The nominal supply voltage on these pins is 5 V.
3, 4, 21, 22
CHPR+, CHPR−, CHPF+, CHPF−
Offset Compensation Loop Control. The capacitances on these pin pairs set the high-
pass corner frequency of the internal offset compensation loops, which in turn sets the
minimum operating frequency of the rms detectors in the forward and reverse paths.
For normal operation, add a capacitor from each pin to ground along with a capacitor
across the pins. To operate at input frequencies down to 9 kHz, capacitances in the 1 µF
range are required. To maintain the specified directivity, leave these pins open when
operating at frequencies above 2 GHz.
5
PWDN/TADJS
Temperature Compensation and Shutdown. This pin is a dual function pin that controls
temperature slope compensation at voltages <1.0 V and/or shuts down the device at
voltages >1.4 V. The temperature compensation voltage is set by connecting this pin to
VREF through a resistor divider.
6
VTEMP
Temperature Sensor Output of 1.38 V at TA = 25°C with a Coefficient of 4.5 mV/°C.
7, 18
VRMSR, VRMSF
Reverse and Forward RMS Voltage Measurement. The voltages on these pins are
proportional to the decibel power of the incident signal to the RFOUT and RFIN pins.
9, 16
CRMSR, CRMSF
RMS Averaging Capacitor for Reverse and Forward Path Detectors. Connect rms
averaging capacitors between CRMSR and ground and between CRMSF and ground to
set the averaging time constant of the forward and reverse rms detectors. For normal
operation, the values of these two capacitors must be equal.
10
VOCM
Common-Mode Input Voltage for VDIFF+ and VDIFF−. The input voltage applied to
VOCM sets the common-mode voltage for the VDIFF+ and VDIFF− differential pair.
The nominal voltage on this pin is 2.5 V. However, this value can be reduced to as low as
1.5 V to accommodate the common-mode requirements of the ADC, which is driven by
VDIFF+ and VDIFF−. The VOCM input requires a bias current of ±1 mA and must be
driven from a low impedance source. VOCM can be driven from the VREF pin but the
connection must include a 1 kΩ resistor to ground.
11, 14
VDIFF−, VDIFF+
Return Loss and VSWR Output. The differential voltage on these pins is proportional to
the dB return loss of the load connected to the RFOUT port when the device is driven
through the RFIN port. This differential voltage has a bias level equal to the voltage
applied to VOCM, nominally 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com