Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 23 of 26
EVALUATION BOARD
The ADL5920-EVALZ is a fully populated, 4-layer, FR4-based
evaluation board. For normal operation, the board requires a
5 V, 200 mA power supply. The 5 V power supply must be
connected to the VPOS and GND test loops. The RF input and
load must be applied to the RFIN and RFOUT 2.92 mm
connectors, respectively (because the ADL5920 is fully
bidirectional, the input signal can also be applied to RFOUT
with the load on RFIN). The output voltages are available on the
VRMSR, VRMSF, VDIFF+, and VDIFF− SMA connectors or
on the adjacent test loops. Configuration options for the
evaluation board are listed in Table 7. Note that an Arduino/
Linduino based evaluation platform for the ADL5920 is also
available (Part Number DC2847A-Kit). For more information,
go to www.analog.com/ADL5920.
GND
J2
5
GND
VRMSF
4 3 2
24
23
22
21
20
19
18
GND
VREF
GND
GND
GND
GND
C12
0.1µF
1
2
3
4
5
6
7
8
GND2
VNEG2
CHPF–
CHPF+
TADJI
VREF
VRMSF
VPOS3
GND1
C7
0.1µF
ADL5920
VNEG1
CHPR+
CHPR–
PWDN/TADJS
VTEMP
VRMSR
VPOS1
GND
C10
4.7µF
GND
C18
0.1µF
GND
C14
100pF
GND
C15
0.1µF
C13
0.1µF
R8
0Ω
GND
C5
0.1µF
C2
0.01µF
C20
0.01µF
C21
0.01µF
GND
C8
0.1µF
GND
C6
100pF
GND
C1
0.1µF
GND
VREF
VTGT
C11
100pF
GND
C9
0.1µF
R6
3.6kΩ
R7
2.43kΩ
GND
2
GND
GND
GND
GND
VREF
VPOS
S1 3
2
1
VOCM
R4
0Ω
R5
1kΩ
VDIFFN
VDIFF–
3 4 5
2
GND
VRMSR
3 4
GND
R1
0Ω
DNI
R2
100Ω
RFIN
5
2
GND
VDIFFP
VDIFF+
VRMS_F
VRMS_R
VNEG
3 4 5
VREF
VTEMP
R9
0Ω
DNI
R10
100Ω
R3
0Ω
GND
GND
GND
GND1
GND2
J1
GND
RFOUT
C19
0.01µF
TADJS
P1
GND
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
VRSMR
VTEMP
VPOS
VOCM
VDIFF+
VDIFF–
VTGT
VREF
VRSMF
TADJI
VNEG
1
Figure 44. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com