Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 6 of 26
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
6 GHz
VRMSF, VRMSR, VTADJI = 0.2 V, VTADJS = 0 V
Insertion Loss
1.9
dB
Return Loss (RFIN, RFOUT)
50 Ω load on RFOUT
12
dB
VSWR (RFIN, RFOUT)
1.7:1
Directivity
No capacitors on CHPR+/CHPR− and CHPF+/CHPF−
5
dB
±1.0 dB Input Range
VRMSF, VRMSR, CW input
33
dB
Maximum Input Level, ±1.0 dB
Slope and intercept calculated using linear regression
from +20 dBm to −5 dBm
22
dBm
Minimum Input Level, ±1.0 dB
−11
dBm
Deviation vs. Temperature
Deviation from output at TA = 25°C
−40°C, PIN = 0 dBm
−0.74
dB
−40°C, PIN = 20 dBm
−1.45
dB
85°C, PIN = 0 dBm
−3.36
dB
85°C, PIN = 20 dBm
−3.57
dB
70°C, PIN = 0 dBm
−1.14
dB
70°C, PIN = 20 dBm
−1.72
dB
Logarithmic Slope
VRMSF, VRMSR
57.7
mV/dB
Logarithmic Intercept
VRMSF, VRMSR
−19.7
dBm
7 GHz
VRMSF, VRMSR, VTADJI = 0.2 V, VTADJS = 0.8 V
Insertion Loss
2
dB
Return Loss (RFIN, RFOUT)
50 Ω load on RFOUT
14
dB
VSWR (RFIN, RFOUT)
1.5:1
Directivity
No capacitors on CHPR+/CHPR− and CHPF+/CHPF−
7
dB
±1.0 dB Input Range
VRMSF, VRMSR, CW input
31
dB
Maximum Input Level, ±1.0 dB
Slope and intercept calculated using linear regression
from 20 dBm to 0 dBm
21
dBm
Minimum Input Level, ±1.0 dB
−10
dBm
Deviation vs. Temperature
Deviation from output at TA = 25°C
−40°C, PIN = 0 dBm
−1.39
dB
−40°C, PIN = 20 dBm
−2.75
dB
85°C, PIN = 0 dBm
−3.77
dB
85°C, PIN = 20 dBm
−3.11
dB
70°C, PIN = 0 dBm
−1.55
dB
70°C, PIN = 20 dBm
−1.15
dB
Logarithmic Slope
VRMSF, VRMSR
57.4
mV/dB
Logarithmic Intercept
VRMSF, VRMSR
−17.7
dBm
OUTPUT INTERFACE
VRMSF, VRMSR
Short-Circuit Current
Sourcing
VRMSF and VRMSR = 3.5 V
73
mA
Sinking
VRMSR and VRMSR = 100 mV, no RF Input
71
mA
Small Signal Output Impedance
0.4
Ω
Rise Time
PIN = off to −10 dBm, 10% to 90%, 10 nF on CRMSF and
CRMSR
18
µs
Fall Time
PIN = −10 dBm to off, 10% to 90%, 10 nF on CRMSF and
CRMSR
75
µs
OUTPUT INTERFACE
VDIFF+, VDIFF−
Common-Mode Output Voltage
VOCM
2.5
V
Small Signal Output Impedance
0.4
Ω
Current Capability
Source
69
mA
Sink
69
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com