Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 16 of 26
0
1
10
100
1.20
1.25
1.30
1.35
1.40
1.50
1.45
VPWDN/TADJS (V)
VPWDN/TADJS INCREASING
VPWDN/TADJS DECREASING
Figure 33. Supply Current vs. PWDN/TADJS Voltage (VPWDN/TADJS)
60
0
20
30
50
1.26
1.29
1.35
1.41
1.47
VTEMP (V)
40
1.32
1.38
1.44
1.50
Figure 34. Distribution of VTEMP Voltage at TA = 25°C, No RF Input
–5
–4
–3
–2
–1
0
1
2
3
4
5
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
–50 –40 –30 –20 –10
0
10
20 30 40 50 60 70 80 90
TEMPERATURE (°C)
VTEMP
ERROR (°C)
Figure 35. VTEMP and Linearity Error vs. Temperature
0.22
0.10
0.12
0.14
0.16
0.18
0.20
–60
–20
20
60
100
140
–40
0
40
80
120
TEMPERATURE (°C)
Figure 36. Supply Current vs. Temperature
50
0
10
20
30
40
2.44
2.46
2.48
2.50
2.52
2.54
VREF (V)
Figure 37. Distribution of VREF Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com