Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5920ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 5 of 26
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Deviation vs. Temperature
Deviation from output at TA = 25°C
−40°C, PIN = −10 dBm
−0.38
dB
−40°C, PIN = 20 dBm
−0.71
dB
85°C, PIN = −10 dBm
−1.83
dB
85°C, PIN = 20 dBm
−1.48
dB
70°C, PIN = −10 dBm
−0.85
dB
70°C, PIN = 20 dBm
−0.37
dB
Logarithmic Slope
VRMSF, VRMSR
59.4
mV/dB
Logarithmic Intercept
VRMSF, VRMSR
−25.5
dBm
4 GHz
VRMSF, VRMSR, VTADJI = 0 V, VTADJS = 0.2 V
Insertion Loss
1.7
dB
Return Loss (RFIN, RFOUT)
50 Ω load on RFOUT
12.5
dB
VSWR (RFIN, RFOUT)
1.7:1
Directivity
No capacitors on CHPR+/CHPR− and CHPF+/CHPF−
7
dB
±1.0 dB Input Range
VRMSF, VRMSR, CW input
41
dB
Maximum Input Level, ±1.0 dB
Slope and intercept calculated using linear regression
from +30 dBm to −15 dBm
25
dBm
Minimum Input Level, ±1.0 dB
−16
dBm
Deviation vs. Temperature
Deviation from output at TA = 25°C
−40°C, PIN = 0 dBm
−0.07
dB
−40°C, PIN = 20 dBm
−0.53
dB
85°C, PIN = 0 dBm
−1.95
dB
85°C, PIN = 20 dBm
−2.9
dB
70°C, PIN = 0 dBm
−0.81
dB
70°C, PIN = 20 dBm
−1.0
dB
Logarithmic Slope
VRMSF, VRMSR
59
mV/dB
Logarithmic Intercept
VRMSF, VRMSR
−24.6
dBm
5 GHz
VRMSF, VRMSR, VTADJI = 0.2 V, VTADJS = 0.2 V
Insertion Loss
1.7
dB
Return Loss (RFIN, RFOUT)
50 Ω load on RFOUT
11
dB
VSWR (RFIN, RFOUT)
1.9:1
Directivity
No capacitors on CHPR+/CHPR− and CHPF+/CHPF−
6
dB
±1.0 dB Input Range
VRMSF, VRMSR, CW input
37
dB
Maximum Input Level, ±1.0 dB
Slope and intercept calculated using linear regression
from +15 dBm to −10 dBm
24
dBm
Minimum Input Level, ±1.0 dB
−13
dBm
Deviation vs. Temperature
Deviation from output at TA = 25°C
−40°C, PIN = 0 dBm
−0.86
dB
−40°C, PIN = 20 dBm
−1.46
dB
85°C, PIN = 0 dBm
−1.9
dB
85°C, PIN = 20 dBm
−2.94
dB
70°C, PIN = 0 dBm
−0.5
dB
70°C, PIN = 20 dBm
−1.09
dB
Logarithmic Slope
VRMSF, VRMSR
59.2
mV/dB
Logarithmic Intercept
VRMSF, VRMSR
−22.3
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com