Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 21 of 26
RF POWER AND RETURN LOSS CALCULATION
Figure 42 shows the voltage measured on VRMSF and VRMSR
when RFIN is swept across its power range at various frequencies
with a 50 Ω termination on RFOUT.
The VRMSR output ideally only responds to power reflected
from the load. However, because of the finite directivity of the
bridge circuit of the ADL5920, the VRMSR voltage starts to
increase as the RF power at RFIN increases. Thereafter, the
VRMSR voltage follows a similar linear in dB response as
VRMSF, although at a much lower level. At a particular
frequency, the difference in output voltage between VRMSF and
VRMSR, where both voltages are following this linear in
dB characteristic, is proportional to the directivity in dB of the
bridge circuit when the load is 50 Ω. As frequency increases, the
vertical difference between the VRMSF and VRMSR traces
decreases, indicating a decrease in directivity.
4.0
0
1.0
2.0
0.5
1.5
2.5
3.0
3.5
–40
–20
–10
10
30
–30
0
20
RF INPUT (dBm)
5GHz VRMSF
3GHz VRMSF
7GHz VRMSF
1GHz VRMSF
10MHz VRMSF
5GHz VRMSR
3GHz VRMSR
7GHz VRMSR
1GHz VRMSR
10MHz VRMSR
Figure 42. VRMSF, VRMSR Output Voltage vs. RF Input at Various Frequencies
When Bridge Driven from RFIN and RFOUT Terminated with 50 Ω
Use the following equation to calculate the idealized output
voltage on VRMSF (VRMSF(IDEAL)):
VRMSF(IDEAL) = Slope × (PINF − Intercept)
(7)
where:
Slope is the change in output voltage divided by the dB change
in input power.
PINF is the power level in dBm applied to the RFIN pin.
Intercept is the calculated input power level (in dBm) at which
the output voltage is equal to 0 V. Note that Intercept is an
extrapolated theoretical value, not a measured value.
The equation for VRMSR(IDEAL) is similar with the exception that
PINR substitutes in for PINF.
VRMSR(IDEAL) = Slope × (PINR − Intercept)
(8)
Where PINR is the power level in dBm applied to the RFOUT pin
with the RFIN pin terminated with 50 Ω.
Because slope and intercept vary from device to device and vs.
frequency, calibration must be performed to achieve high
accuracy.
In general, calibration is performed by applying two or more
known signal levels (PIN1 and PIN2 in this case) to the input of
the ADL5920 and measuring the corresponding output voltages
(VRMSF1 and VRMSF2). The calibration points must be within the
linear operating range of the device.
With a two-point calibration, calculate the slope and intercept
as follows:
Slope = (VRMSF1 − VRMSF2)/(PRFIN1 − PRFIN2)
(9)
Intercept = PRFIN1 − (VRMSF1/Slope)
(10)
After the slope and intercept are calculated and stored in
nonvolatile memory during equipment calibration, use the
following equation to calculate the unknown input power based
on the output voltage of the detector:
PRFIN (Unknown) = (VRMSF(MEASURED)/Slope) + Intercept
(11)
Perform a separate calibration to establish the slope and intercept
of the reverse path. Alternatively, because the forward and
reverse path bridge circuits and rms detectors are matched
closely, use the slope and intercept from the forward path
calibration to convert the VRMSR voltage to the equivalent
dBm RF power. Using this methodology, use the following
equations to calculate forward power (PFWD), reverse power
(PREV), and return loss.
PFWD (dBm) = (VRMSF/Slope) + Intercept
(12)
PREV (dBm) = (VRMSR/Slope) + Intercept
(13)
Return Loss (dB) = (PFWD − PREV) + Insertion Loss (dB) (14)
Note that insertion loss has a negative sign for a passive load.
Return loss can also be calculated by using the VDIFF+ and VDIFF−
differential outputs.
Return Loss (dB) = (VDIFF+ − VDIFF−)/Slope +
Insertion Loss (dB)
(15)
To calculate the directivity of the bridge circuit, place a 50 Ω
load on RFOUT and measure VDIFF+ and VDIFF−. Directivity in
dB is then given by the following equation:
Directivity (dB) = (VDIFF+ − VDIFF−)/Slope
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com