Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5920ACPZ-R2
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5920ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 18 of 26
APPLICATIONS INFORMATION
BASIC CONNECTIONS
For ac-coupled operation, the ADL5920 requires a single supply
of 5 V. The supply is connected to the VPOS1, VPOS2, and
VPOS3 supply pins. Decouple each of these pins using two
capacitors with values equal or similar to those shown in Figure 38.
Place these capacitors as close as possible to the VPOS pins.
The RF input and output pins are ac-coupled using broadband
0.01 µF capacitors, which allow operation down to approximately
600 kHz. Larger value capacitors can reduce the minimum input
frequency further.
CHPR± AND CHPF± CAPACITORS
Each rms detector contains an offset compensation loop that
eliminates internal offset voltages and ensures optimal detector
sensitivity. The offset compensation loop works like a high-pass
filter so that all input frequencies (and dc) below a certain
corner frequency are nulled by the servo action of the loop.
An internal 190 pF capacitor and an internal 2 kΩ resistor sets
the nominal corner frequency of this loop. This configuration
results in a high-pass corner frequency of approximately 400 kHz.
For operation at a specific input frequency, the high-pass corner
must be set two to three decades lower than this corner
frequency. For example, for a minimum input frequency of
1 MHz, the high-pass corner frequency must be set to 1 kHz to
ensure that the offset compensation loop does not interfere with
the input signal being measured.
Capacitors connected between CHPF+ and CHPF− and between
CHPR+ and CHPR− can reduce the corner frequency (f3dB) of
the offset compensation loops for each detector. The following
equation sets the corner frequency of the offset compensation
loop:
f3dB = 1/(2π × 2000 × (190 pF + CHPx±))
(5)
For example, setting the CHPx± capacitors values to 0.1 µF
results in a high-pass corner of approximately 800 Hz, ensuring
reliable operation for input frequencies down to 800 kHz.
At input frequencies above 2 GHz, the presence of capacitors or
stray capacitance on the CHPx± nodes adversely affects directivity.
As a result, it is recommended to leave these nodes open with
no stray capacitance present for operation from 2 GHz to 7 GHz.
For broadband operation (for example, from 1 MHz to 7 GHz),
it is recommended to use 0201 size capacitors and to mount the
capacitors as close the pins as possible.
REVERSE
PATH
RMS
DETECTOR
TEMPERATURE
SENSOR
1.4V
VREF
2.5V
FORWARD
PATH
RMS
DETECTOR
BIDIRECTIONAL BRIDGE
VTEMP
VRMSR
VREV
CRMSR
CHPR–
CHPR+
VNEG1
RFIN
TADJI VREF
R9
(SEE TEXT)
C13
(SEE TEXT)
C7
(SEE TEXT)
R2
2.43kΩ
1kΩ
R10
(SEE TEXT)
VTGT
VTGT
VREF
VOCM
VOCM
DECL
VRMSF
VFWD
EPAD
GND1
GND2
GND3
GND4
GND5
GND6
VPOS1
VPOS2
VPOS3
VDIFF+
C11
100pF
C9
0.1µF
C18
0.1µF
VDIFF
OUTPUT
C1
0.1µF
5V
C6
100pF
C14
100pF
VDIFF–
CRMSF
CHPF–
CHPF+
VNEG2
RFOUT
ADL5920
PWDN/TADJS
VREF
R1
(SEE TEXT)
R2
(SEE TEXT)
3.6kΩ
R1
4.7µF
C10
RFOP
0.1µF
C12
0.01µF
C19
0.1µF
C8
RFIP
0.01µF
C2
25
28
1
24
27
29
30
21
23
22
16
12
19
15
20
5
10
18
32
3
2
26
31
4
9
6
7
11
17
8
13
14
×1
Figure 38. Basic Connections for Single-Supply AC-Coupled Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com