Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721-LP3 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FS9721-LP3
Description  FS9721-LP3
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS9721-LP3 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FS9721-LP3 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Semiconductor Corporation
Fo r tun e
富晶半 導體股 份有限 公司
富晶半导体股份有限公司
TEL : +886-2-2809-4742
- 12 -
TD-0404023
Ver. 1.6
http://www.fsc.com.tw
FAX: +886-2-2809-4874
FS9721_LP3
4,000 格 数字多用电表专用集成电路
10¦ÌF
10¦ÌF
VDD
AGND
VSS
10¦ÌF
6V
FS9721_LP3
V+
V-
图10 6V电源供电
VDD
VSS
AGND
FS9721_LP3
10¦ÌF
10¦ÌF
10¦ÌF
4.5V~9V
DC-TO-DC
V+
V-
图 11
4.5V〜9V 电源供电
VDD
VSS
AGND
FS9721_LP3
10¦ÌF
10¦ÌF
10¦ÌF
6V ~12V
V+
V-
2V¡«2.4V
2V¡«2.4V
图 12
6V〜12V 电源供电
10¦ÌF
10¦ÌF
VDD
AGND
VSS
10¦ÌF
9V¡«12V
FS9721_LP3
V+
V-
NJM79L03A
图 13
9V〜12V 电源供电
13.5
基准电源
R8
40k
VR1
10k
REFI
REFO
FS9721_LP3
R6
20k
图 14
利用内部基准电源
20k
20k
15k
VGG
ICL8069A
REFI
FS9721_LP3
图 15
利用外部基准电源
13.6
触发式复位电路
C6
10nF
S2
RESET
VDD
FS9721_LP3
RST
R1
100k
图16
复位电路
注意:1. R1和C6是复位组件,电源打开时自动复位。
2. S2为手动复按键,若无需手动复位功能,
就不要使用S2。
13.7 石英振荡电路
XTAL
4MHz
XOUT
XIN
CX1
CX2
FS9721_LP3
R2
1M
图 17
石英振荡电路
图中 R2 为反向器提供静态工作点,CX2 为频率
微调,CX1 为温度补偿。在要求不高的场合,CX1
和 CX2 可以不用。
13.8
蜂鸣器驱动电路
BEEPER
BJ1
VDD
BEEPER
FS9721_LP3
51
10k
图 18
低阻蜂鸣器接法
BEEPER
BJ1
VDD
BEEPER
FS9721_LP3
1.5k
10k
图 19
高阻蜂鸣器接法



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com