Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721-LP3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS9721-LP3
Description  FS9721-LP3
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS9721-LP3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS9721-LP3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Semiconductor Corporation
Fo r tun e
富晶半 導體股 份有限 公司
富晶半导体股份有限公司
TEL : +886-2-2809-4742
- 6 -
TD-0404023
Ver. 1.6
http://www.fsc.com.tw
FAX: +886-2-2809-4874
FS9721_LP3
4,000 格 数字多用电表专用集成电路
8.2 脚位描述(续)
封装片
裸片
符
号
I/O
描
述
54
40
CB
I/O
倍压电容负端连接点
55
41
CA
I/O
倍压电容正端连接点
56
42
VGG
O
倍压电路输出端
57
NC
空脚
58
43
VDDA
O
稳压电源输出
/模拟电路电源
59
44
RLCD
I
LCD 驱动电压调整电阻连接点
60
NC
空脚
61
45
XIN
I
振荡晶体连接点
62
46
XOUT
O
振荡晶体连接点
63
NC
空脚
64
47
TXD
O
RS232 串行数据输出端
65
NC
空脚
66~79
48~61
SEG14~SEG1
O
笔段 14~笔段 1
80~83
62~65
COM1~COM4
O
公共背极 1~公共背极 4
84
66
ENTX
I
RS232 输出控制端
85
67
BEEPER
O
蜂鸣器驱动输出端
86
68
BLOUT
O
背光驱动输出端
87
69
RST
I
CPU 复位
88
NC
空脚
89
70
REFI
I
ADC 参考电压输入端
90
71
REFO
O
带隙基准电源(
Bandgap )输出端
91
72
FTA
O
ADC 前置滤波器正输出端
92
NC
空脚
93
73
FTB
I
ADC 前置滤波器正输入端
94
74
FTC
I/O
ADC 前置滤波器负端
95
75
TSTC
I
测试用
96
76
OP1N
I
交流信号缓冲运算放大器反向输入端
97
NC
空脚
98
77
OP1O
O
交流信号缓冲运算放大器输出端
99
NC
空脚
100
78
OP2P
I
交
/直流转换运算放大器同向输入端
九、技术规格(VDD=3V,Ta=25℃)
9.1
最大值定额
参
数
符 号
定
额
单
位
电源电压
VDD—AGND
VDD—VSS
1.8
3.6
V
V
I/O 输入输出电平
Vid
-0.3 — VDD +0.3
V
工作环境温度
Ta
0 — + 70
℃
储存温度
Tstg
-40 — + 125
℃
焊接温度
Temp
280℃,
焊接时间
Time
5 秒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com