Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721-LP3 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FS9721-LP3
Description  FS9721-LP3
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS9721-LP3 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FS9721-LP3 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Semiconductor Corporation
Fo r tun e
富晶半 導體股 份有限 公司
富晶半导体股份有限公司
TEL : +886-2-2809-4742
- 19 -
TD-0404023
Ver. 1.6
http://www.fsc.com.tw
FAX: +886-2-2809-4874
FS9721_LP3
4,000 格 数字多用电表专用集成电路
十六、封装片外形及裸片尺寸
16.1 封装片外形
图
39
外形尺寸
16.2 裸片引出脚
图 40
裸片引出脚
脚距: 90 μm。
芯片尺寸: 3.24mm×2.58mm。
注意:使用时,裸片衬底应与电源负极(VSS)相连接。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com