Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721-LP3 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FS9721-LP3
Description  FS9721-LP3
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS9721-LP3 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FS9721-LP3 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Semiconductor Corporation
Fo r tun e
富晶半 導體股 份有限 公司
富晶半导体股份有限公司
TEL : +886-2-2809-4742
- 17 -
TD-0404023
Ver. 1.6
http://www.fsc.com.tw
FAX: +886-2-2809-4874
FS9721_LP3
4,000 格 数字多用电表专用集成电路
十四、RS232传输协议
14.1 方向:单向至计算机。
14.2 波特率:2400 bps。
14.3 数据位:8 bit。
14.4 奇偶校验:无。
14.5 数据制式:Hex。
14.6 数据长度:14 Bytes。
14.7 数据资料:LCD table on-off information。
14.8 数据格式:
1st byte → 1X (X is seg1, 4 bits represent the data on the LCD table) ,
2nd byte→ 2X (X is seg2, 4 bits represent the data on the LCD table) ,
3rd byte → 3X (X is seg3, 4 bits represent the data on the LCD table) ,
等等。
1X
→ 4 bit, 2X→ 4 bit , 3X→ 4 bit,
……………
EXH
→ 4 bit。
14.9
X 表示: Bit3〜Bit 0
→ segn (COM4―COM1) 。
14.10 采样速率:40kHz。
14.11 ADC 输出频率:40Hz。
14.12 ADC 值平均后输出频率:10Hz。
14.13 Auto-Zero 后输出频率:4Hz。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com