Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721-LP3 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FS9721-LP3
Description  FS9721-LP3
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS9721-LP3 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FS9721-LP3 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS9721-LP3 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Semiconductor Corporation
Fo r tun e
富晶半 導體股 份有限 公司
富晶半导体股份有限公司
TEL : +886-2-2809-4742
- 8 -
TD-0404023
Ver. 1.6
http://www.fsc.com.tw
FAX: +886-2-2809-4874
FS9721_LP3
4,000 格 数字多用电表专用集成电路
十、测量种类选择
10.1 测量种类选择(MEA1〜MEA4 悬空为“1”,接 VSS 为“0”)
MEA
4
MEA
3
MEA
2
MEA
1
测量功能及
SELECT 键功能切换
HZ/DUTY
键切换
REL
HOLD
RANGE
SELECT
Jump
①
1
1
1
1
DCV/AC②
DCV/ACV
V/Hz/Duty
●
●
●
●
J4
1
1
0
1
Ω/Diode
/Cont./C
ap
⑥
●
●
Ohm●
●
J3,J5
J9
1
0
1
0
DCV 无 mV
V/ Hz/Duty
●
●
●
J4
1
0
0
1
ACV②
V/ Hz/Duty
●
●
●
J4
1
0
1
1
DCmV
V/Hz/Duty
●
●
J3
1
0
0
0
10A③
DCA/ACA
A/Hz/Duty
●
●
●
J2
1
1
1
0
mA③
DcmA
ACmA
mA/Hz/Duty
●
●
●
●
J1,J2
1
1
0
0
μA③
DCμA
ACμA
μ
A/Hz/Duty
●
●
●
●
J2 J7
0
1
1
1
Cap
●
●
J3J5
J9
0
1
0
1
Hz/Duty
④
Hz/Duty
●
J6,J8
J9
0
0
1
1
●
●
0
0
1
0
●
●
0
0
0
1
●
●
0
0
0
0
由 ADP 输
入参见表
10.2 说明
●
●
0
1
1
0
ADP⑤
●
●
●
0
1
0
0
ACA400.0A/4000A
●
●
●
注: ①Jump栏中JX表示在图3和4图通用线路总图上该测量功能的JX是接通的。
②在Auto模式下,ACV档位按RANGE键才能选择到ACmV量程。
③TSTB=1,电流档以400mV/4V输入;TSTB=0 ,电流档以40mV/400mV输入。详见“13.14 电流测量”说明。
④此档位是以ADP路径输入测量 Hz/Duty。
⑤ADP可输入400.0mV/40.00mV,自动跳档,分别显示4000,400.0。
⑥在“1101”编码下,当CAP=1按SELECT是Ω/Diode/Continuity切换;当CAP=0按SELECT是Ω/Diode/
Continuity/ Cap.切换。
10.2 ADP输入与自定义符号及小数点位置的确定(MEA1〜MEA4悬空为“1”,接VSS为 “0”)
MEA4
MEA3
MEA2
MEA1
输入电压范围
输入信道
小数点位置
符号位置
符
号
0
0
1
1
4000
0
0
1
0
400.0
0
0
0
1
40.00
0
0
0
0
±400mV
ADP
4.000
由 LCDC1
LCDC2 确定
用户自
己定义
10.3 用LCDC1、LCD2的组合确定自定义符号在LCD上的位置
LCDC1
LCDC2
符号位置
说
明
0
0
COM1,SEG14
1
0
COM2,SEG14
0
1
COM3,SEG14
1
1
COM4,SEG14
LCDC1和LCDC2悬空时为“1”,接VSS为“0”
10.4 ADPC1与ADPC2在ADP输入中的作用(ADPC1和ADPC2悬空为“1”,接VSS为“0”。)
ADPC1
ADPC2
DC/AC状态
ADP最大输入电压
1
1
DC
1
0
AC
400mV
0
1
DC
0
0
AC
40mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com