Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 24 of 28
APPLICATIONS INFORMATION
The basic connections for operating the ADTR1107 are shown
in Figure 89. The power amplifier on the transmit path is biased
with +5 V on the VDD_PA pin and a voltage from −1.75 V to
−0.25 V is applied to the VGG_PA pin to achieve 220 mA
quiescent current.
The LNA on the receive path operates as either self biased or
external biased mode. For self biased mode, apply 3.3 V to the
VDD_LNA pin and leave the VGG_LNA pin supplied with 0 V
or connected to ground. For external biased mode, apply +3.3 V
to the VDD_LNA pin and adjust the VGG_LNA pin with a voltage
range of −1.5 V to 0 V to achieve the desired IDQ_PA.
The SPDT switch is biased with +3.3 V on the VDD_SW pin
and −3.3 V on the VSS_SW pin. The CTRL_SW pin sets the
path state shown in Table 8. High logic state is set at 3.3 V and
low logic state is set at 0 V.
All required decoupling capacitors for the dc power supply
lines are internal to the ADTR1107.
RECOMMENDED BIAS SEQUENCING
The recommended bias sequence during transmit state
power-up is as follows:
1.
Connect all GND pins to ground.
2.
Set the VDD_SW pin to 3.3 V.
3.
Set the VSS_SW pin to −3.3 V.
4.
Set the CTRL_SW pin to 0 V.
5.
Set the VGG_LNA pin to 0 V.
6.
Set the VDD_LNA pin to 0 V.
7.
Set the VGG_PA pin to −1.75 V.
8.
Set the VDD_PA pin to 5 V.
9.
Increase the VGG_PA voltage to achieve the desired
IDQ_PA.
10. Apply the RF signal to the TX_IN pin.
The recommended transmit state bias sequence during
power-down is as follows:
1.
Turn off the RF signal.
2.
Decrease the VGG_PA voltage to −1.75 V.
3.
Set the VDD_PA pin to 0 V.
4.
Set the VSS_SW pin to 0 V.
5.
Set the VDD_SW pin to 0 V.
The recommended bias sequence during receive state power-up
is as follows:
1.
Connect all GND pins to ground.
2.
Set the VDD_SW pin to 3.3 V.
3.
Set the VSS_SW pin to −3.3 V.
4.
Set the CTRL_SW pin to 3.3 V.
5.
Set the VGG_PA pin to −1.75 V.
6.
Set the VDD_PA pin to 0 V.
7.
Set the VGG_LNA pin to 0 V.
8.
Set the VDD_LNA pin to 3.3 V.
9.
Apply the RF signal to the ANT pin.
The recommended receive state bias sequence during
power-down is as follows:
1.
Turn off the RF signal.
2.
Set the VDD_LNA pin to 0 V.
3.
Set the CTRL_SW pin to 0 V.
4.
Set the VSS_SW pin to 0 V.
5.
Set the VDD_SW pin to 0 V.
All measurements and data shown in this data sheet were taken
using the typical application circuit (see Figure 89) and biased
per the conditions in this section, unless otherwise noted. The
bias conditions described in this section are the operating
points recommended to optimize the overall device performance.
Operation using other bias conditions can result in performance
that differs from what is shown in the Typical Performance
Characteristics section. To obtain optimal performance while
not damaging the device, follow the recommended biasing
sequences described in this section and adhere to the values
shown in the Absolute Maximum Ratings section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com