Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 20 of 28
25
20
–5
0
10
15
5
110
105
80
85
95
100
90
–20
2
0
–4
–8
–16
–2
–6
–12 –10
–18
–14
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD_LNA
Figure 75. POUT, Gain, PAE and IDD_LNA vs. Input Power, 18 GHz, Receive State,
Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V, VGG_LNA = 0 V,
Transmit State Off
30
15
24
18
21
27
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 76. OIP3 vs. Frequency for Various Temperatures, POUT/Tone = 0 dBm,
Receive State, Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V,
VGG_LNA = 0 V, Transmit State Off
30
0
20
10
15
25
5
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
50mA
100mA
85mA, SELF BIAS MODE
Figure 77. OIP3 vs. Frequency for Various IDQ_LNA, POUT/Tone = 0 dBm,
Receive State, Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V,
Controlled VGG_LNA, Transmit State Off
0.5
0.4
0
0.2
0.3
0.1
–20
6
–12
2
–18
–6
–10
4
–16
–2
–4
–8
–14
0
INPUT POWER (dBm)
6GHz
8GHz
10GHz
12GHz
14GHz
16GHz
18GHz
MAX PDISS
Figure 78. Power Dissipation vs. Input Power at TA = 85°C, Receive State,
Path = ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V, VGG_LNA = 0 V,
Transmit State Off
30
15
24
18
21
27
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
2.0V
3.0V
3.3V
3.6V
Figure 79. OIP3 vs. Frequency for Various VDD_LNA, POUT/Tone = 0 dBm,
Receive State, Path = ANT to RX_OUT, Self Biased Mode, VGG_LNA = 0 V,
Transmit State Off
30
0
20
10
15
25
5
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
0dBm
5dBm
Figure 80. OIP3 vs. Frequency for Various POUT/Tone, Receive State, Path =
ANT to RX_OUT, Self Biased Mode, VDD_LNA = 3.3 V, VGG_LNA = 0 V,
Transmit State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com