Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADTR1107
Rev. A | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TRANSMIT STATE
30
25
20
–20
0
–10
10
15
5
–5
–15
026
20
12
824
16
18
22
14
10
46
2
FREQUENCY (GHz)
S11 (dB)
S21 (dB)
S22 (dB)
Figure 12. Broadband Gain and Return Loss vs. Frequency, 10 MHz to 26 GHz,
Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA,
Receive State Off
26
24
12
20
16
22
18
14
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
5.0V
4.0V
3.3V
Figure 13. Gain vs. Frequency for Various VDD_PA, Transmit State, Path =
TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off
0
–4
–20
–12
–8
–16
+85°C
+25°C
–40°C
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 14. Input Return Loss vs. Frequency for Various Temperatures, Transmit
State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
26
24
12
20
16
22
18
14
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 15. Gain vs. Frequency for Various Temperatures, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
26
24
12
20
16
22
18
14
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
250mA
220mA
200mA
180mA
150mA
Figure 16. Gain vs. Frequency for Various IDQ_PA, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, Receive State Off
0
–4
–20
–12
–8
–16
+85°C
+25°C
–40°C
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 17. Output Return Loss vs. Frequency for Various Temperatures, Transmit
State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com