Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADTR1107
Rev. A | Page 11 of 28
16
14
4
6
10
12
8
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
250mA
220mA
200mA
180mA
150mA
Figure 24. Noise Figure vs. Frequency for Various IDQ_PA, Transmit State , Path =
TX_IN to ANT, VDD_PA = 5 V, Receive State Off
28
10
20
24
12
26
16
22
14
18
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
5.0V
4.0V
3.3V
Figure 25. OP1dB vs. Frequency for Various VDD_PA, Transmit State, Path =
TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off
30
28
10
20
24
12
26
16
22
14
18
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 26. PSAT vs. Frequency for Various Temperatures, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
28
10
20
24
12
26
16
22
14
18
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 27. OP1dB vs. Frequency for Various Temperatures,Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
28
10
20
24
12
26
16
22
14
18
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
250mA
220mA
200mA
180mA
150mA
Figure 28. OP1dB vs. Frequency for Various IDQ_PA, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, Receive State Off
30
28
10
20
24
12
26
16
22
14
18
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
5.0V
4.0V
3.3V
Figure 29. PSAT vs. Frequency for Various VDD_PA, Transmit State, Path =
TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com