Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADTR1107
Rev. A | Page 13 of 28
30
25
20
0
10
15
5
450
410
210
250
330
370
290
–20
10
5
–10
–5
0
–15
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD_PA
Figure 36. POUT, Gain, PAE and IDD_PA vs. Input Power, 14 GHz, Transmit State,
Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
2.0
0
1.0
1.5
0.5
–20
10
0
–15
5
–10
–5
INPUT POWER (dBm)
6GHz
8GHz
10GHz
12GHz
14GHz
16GHz
18GHz
MAX PDISS
Figure 37. Power Dissipation vs. Input Power at TA = 85°C, Transmit State,
Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
40
35
0
5
25
15
30
20
10
5.0V
4.0V
3.3V
Figure 38. OIP3 vs. Frequency for Various VDD_PA, POUT/Tone = 8 dBm,
Transmit State, Path = TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off
30
25
20
0
10
15
5
330
310
210
230
270
290
250
–20
5
–10
–5
0
–15
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD_PA
Figure 39. POUT, Gain, PAE and IDD_PA vs. Input Power, 18 GHz, Transmit State,
Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
+85°C
+25°C
–40°C
40
35
0
5
25
15
30
20
10
Figure 40. OIP3 vs. Frequency for Various Temperatures, POUT/Tone = 8 dBm,
Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA,
Receive State Off
40
35
0
5
25
15
30
20
10
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
250mA
220mA
200mA
180mA
150mA
Figure 41. OIP3 vs. Frequency for Various IDQ_PA, POUT/Tone = 8 dBm,
Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V, Receive State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com