Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 10 of 28
0
–10
–90
–80
–50
–30
–20
–60
–40
–70
+85°C
+25°C
–40°C
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 18. Reverse Isolation vs. Frequency for Various Temperatures,Transmit
State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
0
–10
–70
–50
–30
–20
–60
–40
+85°C
+25°C
–40°C
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 19. TX_IN to RX_OUT Isolation vs. Frequency for Various Temperatures,
Transmit State, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
16
14
4
6
10
12
8
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 20. Noise Figure vs. Frequency for Various Temperatures, Transmit
State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
36
32
8
16
24
28
12
20
34
10
18
26
30
14
22
+85°C
+25°C
–40°C
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 21. CLPR_OUT Coupling Factor vs. Frequency for Various
Temperatures, Transmit State, Coupling Factor = ANT POUT − CPLR_OUT POUT,
VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
0
–10
–90
–80
–50
–30
–20
–60
–40
–70
+85°C
+25°C
–40°C
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 22. ANT to RX_OUT Isolation vs. Frequency for Various Temperatures,
Transmit State, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
16
14
4
6
10
12
8
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
5.0V
4.0V
3.3V
Figure 23. Noise Figure vs. Frequency for Various VDD_PA, Transmit State,
Path = TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com