Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Transmit State (PA On), Receive State Off
VDD_PA
5.5 V
VGG_PA
−2 V to +0 V
Continuous Wave (CW) RF Input Power
(RFIN) at TX_IN
20 dBm
Continuous Power Dissipation (PDISS)
(TA = 85°C, Derate 18.98 mW/°C
1.71 W
Above 85°C)
Receive State (LNA On), Transmit State Off
VDD_LNA
4 V
VGG_LNA
−2 V to +0.2 V
CW RFIN at ANT
20 dBm
PDISS (TA = 85°C, Derate 5.04 mW/°C
Above 85°C)
0.453 W
Transmit and Receive States
Output Load Voltage Standing Wave
Ratio (VSWR)
7:1
VDD_SW Range
−0.3 V to +3.6 V
VSS_SW Range
−3.6 V to +0.3 V
VDD_CTRL Range
−0.3 V to VDD + 0.3 V
Channel Temperature
175°C
Maximum Peak Reflow Temperature
(Moisture Sensitivity Level 3, MSL3)1
260°C
Storage Temperature Range
−40°C to +125°C
Operating Temperature Range
−40°C to +85°C
ESD Sensitivity (Human Body Model)
Class 1B
(Passed ±500 V)
1 See the Ordering Guide section for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the thermal resistance from the operating portion of the
device to the outside surface of the package (case) closest to the
device mounting area.
Table 7. Thermal Resistance1
Package Type
θJC Transmit State
θJC Receive State
Unit
CC-24-8
52.7
198.4
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with 36 thermal vias. Refer to the JEDEC standard JESD51 for
additional information.
ESD CAUTION
Table 8. Signal Path Truth Table
State
CTRL_SW
RF Signal Path
Transmit
Low
TX_IN to ANT
Receive
High
ANT to RX_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com