Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADTR1107ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADTR1107
Rev. A | Page 3 of 28
SPECIFICATIONS
Transmit state, VDD_PA = 5 V, IDQ_PA = 220 mA, VDD_SW = 3.3 V, VSS_SW = −3.3 V, CTRL_SW = 0 V, receive state off (VDD_LNA = 0 V,
VGG_LNA = 0 V), TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OVERALL FUNCTION
Frequency Range
6
14
GHz
TRANSMIT STATE
Small Signal Gain
19.5
21.5
dB
TX_IN to ANT
Gain Flatness
±0.8
dB
Input Return Loss
13
dB
TX_IN to ANT
Output Return Loss
15
dB
TX_IN to ANT
Output 1 dB Compression (OP1dB)
21
23
dBm
TX_IN to ANT
Saturated Output Power (PSAT)
25
dBm
Output Third-Order Intercept (OIP3)
31
dBm
TX_IN to ANT output power (POUT) per tone = 8 dBm
Noise Figure
9
dB
TX_IN to ANT
Coupling Factor
23.5
dB
Coupling factor = ANT POUT − CPLR_OUT POUT
Isolation
TX_IN to RX_OUT
40
dB
Receive state off
ANT to RX_OUT
64
dB
Receive state off
RF Settling Time
0.1 dB
17
ns
50% CTRL_SW to 0.1 dB of final RF output
0.05 dB
22
ns
50% CTRL_SW to 0.05 dB of final RF output
Switching Speed
Rise and Fall Time
tRISE, tFALL
2
ns
10% to 90% of RF output
Turn On and Turn Off Time
tON, tOFF
10
ns
50% CTRL_SW to 90% of RF output
VDD_PA
3.3
5.0
5.5
V
Quiescent Current (IDQ_PA)
220
mA
Adjust VGG_PA voltage between −1.75 V and
−0.25 V to achieve the desired IDQ_PA
Transmit state, VDD_PA = 5 V, IDQ_PA = 220 mA, VDD_SW = 3.3 V, VSS_SW = −3.3 V, CTRL_SW = 0 V, receive state off, TA = 25°C,
unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OVERALL FUNCTION
Frequency Range
14
18
GHz
TRANSMIT STATE
Small Signal Gain
20
22
dB
TX_IN to ANT
Gain Flatness
±0.6
dB
Input Return Loss
12
dB
TX_IN to ANT
Output Return Loss
11
dB
TX_IN to ANT
OP1dB
19
21.5
dBm
TX_IN to ANT
PSAT
24
dBm
TX_IN to ANT
OIP3
31.5
dBm
TX_IN to ANT POUT per tone = 8 dBm
Noise Figure
6.5
dB
TX_IN to ANT
Coupling Factor
18
dB
Coupling factor = ANT POUT − CPLR_OUT POUT
Isolation
TX_IN to RX_OUT
39
dB
Receive state off
ANT to RX_OUT
64
dB
Receive state off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com