Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 12 of 28
30
28
10
20
24
12
26
16
22
14
18
250mA
220mA
200mA
180mA
150mA
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
Figure 30. PSAT vs. Frequency for Various IDQ_PA,Transmit State, Path = TX_IN
to ANT, VDD_PA = 5 V, Receive State Off
35
30
0
20
10
25
15
5
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
5.0V
4.0V
3.3V
Figure 31. Power Added Efficiency (PAE) vs. Frequency for Various VDD_PA,
Transmit State, Path = TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off, PAE
Measured at PSAT
30
25
20
0
10
15
5
–20
–16
8
4
–8
–4
0
–12
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD_PA
330
310
210
230
270
290
250
Figure 32. POUT, Gain, PAE and Power Amplifier Supply Current (IDD_PA) vs. Input
Power, 6 GHz, Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA =
220 mA, Receive State Off
35
30
0
20
10
25
15
5
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 33. PAE vs. Frequency for Various Temperatures, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off, PAE
Measured at PSAT
35
30
0
20
10
25
15
5
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
250mA
220mA
200mA
180mA
150mA
Figure 34. PAE vs. Frequency for Various IDQ_PA, Transmit State, Path = TX_IN
to ANT, VDD_PA = 5 V, Receive State Off, PAE Measured at PSAT
30
25
20
0
10
15
5
450
410
210
250
330
370
290
–20
–16
8
4
–8
–4
0
–12
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD_PA
Figure 35. POUT, Gain, PAE and IDD_PA vs. Input Power, 10 GHz, Transmit State,
Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com